Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN73611 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FAN73611
Description  Single-Channel High-Side Gate Drive IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN73611 Datasheet(HTML) 3 Page - ON Semiconductor

  FAN73611 Datasheet HTML 1Page - ON Semiconductor FAN73611 Datasheet HTML 2Page - ON Semiconductor FAN73611 Datasheet HTML 3Page - ON Semiconductor FAN73611 Datasheet HTML 4Page - ON Semiconductor FAN73611 Datasheet HTML 5Page - ON Semiconductor FAN73611 Datasheet HTML 6Page - ON Semiconductor FAN73611 Datasheet HTML 7Page - ON Semiconductor FAN73611 Datasheet HTML 8Page - ON Semiconductor FAN73611 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN73611 • Rev. 1.3
2
Typical Application Diagrams
Figure 1. Step-Down (Buck) DC-DC Converter Application
Internal Block Diagram
Figure 2. Functional Block Diagram
DBOOT
C2
PWM
CBOOT
C1
D1
L1
15V
RBOOT
R2
FAN73611
VB
IN
GND
HO
VS
NC
NC
VDD
7
5
6
8
2
4
3
1
R1
VIN
VOUT
FAN73611 Rev.01
UVLO
VDD
GND
IN
VB
HO
VS
R
R
S
Q
6
7
8
NOISE
CANCELLER
Pin 3 and 5 are no connection.
FAN73611 Rev.02
100K
1
4
2
UVLO


Similar Part No. - FAN73611

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN73611 FAIRCHILD-FAN73611 Datasheet
350Kb / 13P
   Single-Channel High-Side Gate Drive IC
FAN73611M FAIRCHILD-FAN73611M Datasheet
350Kb / 13P
   Single-Channel High-Side Gate Drive IC
FAN73611MX FAIRCHILD-FAN73611MX Datasheet
350Kb / 13P
   Single-Channel High-Side Gate Drive IC
More results

Similar Description - FAN73611

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN73611 FAIRCHILD-FAN73611 Datasheet
350Kb / 13P
   Single-Channel High-Side Gate Drive IC
FAN7385 FAIRCHILD-FAN7385 Datasheet
1Mb / 15P
   Dual-Channel High-Side Gate-Drive IC
logo
ON Semiconductor
FAN7385 ONSEMI-FAN7385 Datasheet
1Mb / 17P
   Dual-Channel High-Side Gate-Drive IC
February 2007 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN7371 FAIRCHILD-FAN7371 Datasheet
1Mb / 11P
   High-Current High-Side Gate Drive IC
logo
ON Semiconductor
FAN7371 ONSEMI-FAN7371 Datasheet
1Mb / 13P
   High-Current High-Side Gate Drive IC
Rev. 1.0.2
logo
Fairchild Semiconductor
FAN73711 FAIRCHILD-FAN73711 Datasheet
1Mb / 11P
   High-Current, High-Side Gate Drive IC
logo
ON Semiconductor
FAN73711 ONSEMI-FAN73711 Datasheet
1Mb / 13P
   High-Current, High-Side Gate Drive IC
March 2013 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7371 FAIRCHILD-FAN7371_09 Datasheet
1Mb / 11P
   High-Current High-Side Gate Drive IC
FAN7171 FAIRCHILD-FAN7171 Datasheet
413Kb / 11P
   High-Current High-Side Gate Drive IC
logo
ON Semiconductor
FAN73901 ONSEMI-FAN73901 Datasheet
1Mb / 14P
   High- and Low-Side, Gate-Drive IC
September 2013 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com