Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7380MX Datasheet(PDF) 8 Page - ON Semiconductor

Part # FAN7380MX
Description  Half-Bridge Gate Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7380MX Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FAN7380MX Datasheet HTML 4Page - ON Semiconductor FAN7380MX Datasheet HTML 5Page - ON Semiconductor FAN7380MX Datasheet HTML 6Page - ON Semiconductor FAN7380MX Datasheet HTML 7Page - ON Semiconductor FAN7380MX Datasheet HTML 8Page - ON Semiconductor FAN7380MX Datasheet HTML 9Page - ON Semiconductor FAN7380MX Datasheet HTML 10Page - ON Semiconductor FAN7380MX Datasheet HTML 11Page - ON Semiconductor FAN7380MX Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Typical Performance Characteristics (Continued)
Figure 16. Output Sinking Current vs. Supply Voltage
Figure 17. Output Sinking Current vs. Temp.
Figure 18. Allowable Negative VS Voltage for Signal
Propagation to High-Side vs. Supply Voltage
Figure 19. Allowable Negative VS Voltage for Signal
Propagation to High-Side vs. Temperature
Figure 20. IQCC vs. Supply Voltage
Figure 21. IQCC vs. Temperature
10
12
14
16
18
20
80
100
120
140
160
180
200
220
240
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
LO=VCC, HO=VB
Ta=25°C
10
12
14
16
18
20
80
100
120
140
160
180
200
220
240
Supply Voltage [V]
High-Side
Low-Side
VCC=VBS
COM=0V
LO=VCC, HO=VB
Ta=25°C
-40
-20
0
20
40
60
80
100
120
60
80
100
120
140
160
180
200
220
240
260
280
300
Low-Side
Temperature [°C]
High-Side
VCC=VBS=15V
COM=0V
LO=VCC, HO=VB
-40
-20
0
20
40
60
80
100
120
60
80
100
120
140
160
180
200
220
240
260
280
300
Low-Side
Temperature [°C]
High-Side
VCC=VBS=15V
COM=0V
LO=VCC, HO=VB
VCC=VBS
COM=0V
LO=VCC, HO=VB
TA=25°C
VCC=VBS=15V
COM=0V
LO=VCC, HO=VB
Supply Voltage [V]
Temperature [°C]
10
12
14
16
18
20
-18
-16
-14
-12
-10
-8
-6
-4
Supply Voltage [V]
VCC=VBS
COM=0V
Ta=25°C
10
12
14
16
18
20
-18
-16
-14
-12
-10
-8
-6
-4
Supply Voltage [V]
VCC=VBS
COM=0V
Ta=25°C
-40
-20
0
20
40
60
80
100
120
-11.0
-10.5
-10.0
-9.5
-9.0
-8.5
-8.0
Temperature [°C]
VCC=VBS=15V
COM=0V
-40
-20
0
20
40
60
80
100
120
-11.0
-10.5
-10.0
-9.5
-9.0
-8.5
-8.0
Temperature [°C]
VCC=VBS=15V
COM=0V
Supply Voltage [V]
Temperature [°C]
VCC=VBS
COM=0V
TA=25°C
VCC=VBS=15V
COM=0V
0
5
10
15
20
0
20
40
60
80
100
Supply Voltage [V]
VBS=15V
COM=0V
HIN=LIN=0V
TA=25°C
0
5
10
15
20
0
20
40
60
80
100
Supply Voltage [V]
VBS=15V
COM=0V
HIN=LIN=0V
TA=25°C
-40
-20
0
20
40
60
80
100
120
45
50
55
60
65
70
75
80
85
90
95
100
105
Temperature [°C]
VCC=VBS=15V
COM=0V
HIN=LIN=0V
-40
-20
0
20
40
60
80
100
120
45
50
55
60
65
70
75
80
85
90
95
100
105
Temperature [°C]
VCC=VBS=15V
COM=0V
HIN=LIN=0V
Supply Voltage [V]
Temperature [°C]
VCC=VBS
COM=0V
HIN=LIN=0V
TA=25°C
VCC=VBS=15V
COM=0V
HIN=LIN=0V
www.onsemi.com
2
www.onsemi.com
2
www.onsemi.com
8


Similar Part No. - FAN7380MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7380MX FAIRCHILD-FAN7380MX Datasheet
407Kb / 12P
   Half-Bridge Gate Driver (SOURCING/SINKING : 90mA/180mA)
FAN7380MX FAIRCHILD-FAN7380MX Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
More results

Similar Description - FAN7380MX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
   Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
STMicroelectronics
L6393 STMICROELECTRONICS-L6393 Datasheet
462Kb / 20P
   Half-bridge gate driver
L6393 STMICROELECTRONICS-L6393_10 Datasheet
393Kb / 19P
   Half-bridge gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com