Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC7457 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # PC7457
Description  PowerPC 7457 RISC Microprocessor
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7457 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button PC7457 Datasheet HTML 40Page - ATMEL Corporation PC7457 Datasheet HTML 41Page - ATMEL Corporation PC7457 Datasheet HTML 42Page - ATMEL Corporation PC7457 Datasheet HTML 43Page - ATMEL Corporation PC7457 Datasheet HTML 44Page - ATMEL Corporation PC7457 Datasheet HTML 45Page - ATMEL Corporation PC7457 Datasheet HTML 46Page - ATMEL Corporation PC7457 Datasheet HTML 47Page - ATMEL Corporation PC7457 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
44
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Substrate Capacitors for the PC7447, 360 CBGA
Figure 26 shows the connectivity of the substrate capacitor pads for the PC7447, 360 CBGA. All capacitors are 100 nF.
Figure 26. Substrate Bypass Capacitors for the PC7447, 360 CBGA
Package Parameters for
the PC7457, 483 CBGA
The package parameters are as provided in the following list. The package type is
29 × 29 mm, 483-lead ceramic ball grid array (CBGA).
Package outline
29 mm × 29 mm
Interconnects
483 (22 × 22 ball array - 1)
Pitch
1.27 mm (50 mil)
Minimum module height
Maximum module height
3.22 mm
Ball diameter
0.89 mm (35 mil)
C1-2
C1-1
C2-1
C3-1
C4-1
C5-1
C6-1
C6-2
C5-2
C4-2
C3-2
C2-2
C18-1
C18-2 C17-2 C16-2
C15-2 C14-2
C13-2
C13-1
C14-1
C15-1
C16-1
C17-1
A1 CORNER
C1
GND
VDD
C2
GND
VDD
C3
GND
OVDD
C4
GND
VDD
C5
GND
VDD
C6
GND
VDD
C7
GND
VDD
C8
GND
VDD
C9
GND
OVDD
C10
GND
VDD
C11
GND
VDD
C12
GND
VDD
C13
GND
VDD
C14
GND
VDD
C15
GND
VDD
C16
GND
OVDD
C17
GND
VDD
C18
GND
OVDD
C19
GND
VDD
C20
GND
VDD
C21
GND
OVDD
C22
GND
VDD
C23
GND
VDD
C24
GND
VDD
Capacitor
Pad Number
-1
-2


Similar Part No. - PC7457

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC740 PICKER-PC740 Datasheet
229Kb / 2P
   40 Amp Power Relay
PC740-2A-C-120A-P PICKER-PC740-2A-C-120A-P Datasheet
643Kb / 4P
   40 Amp Power Relay
PC740-2A-C1-120A-P PICKER-PC740-2A-C1-120A-P Datasheet
643Kb / 4P
   40 Amp Power Relay
PC740-2A-C3-120A-P PICKER-PC740-2A-C3-120A-P Datasheet
643Kb / 4P
   40 Amp Power Relay
PC740-2A-C4-120A-P PICKER-PC740-2A-C4-120A-P Datasheet
643Kb / 4P
   40 Amp Power Relay
More results

Similar Description - PC7457

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC755 ATMEL-PC755 Datasheet
1Mb / 50P
   PowerPC 755/745 RISC Microprocessor
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
   PowerPC 7410 RISC Microprocessor Product Specification
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com