Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPL-2F81-2S Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SPL-2F81-2S
Description  Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPL-2F81-2S Datasheet(HTML) 4 Page - OSRAM GmbH

  SPL-2F81-2S Datasheet HTML 1Page - OSRAM GmbH SPL-2F81-2S Datasheet HTML 2Page - OSRAM GmbH SPL-2F81-2S Datasheet HTML 3Page - OSRAM GmbH SPL-2F81-2S Datasheet HTML 4Page - OSRAM GmbH SPL-2F81-2S Datasheet HTML 5Page - OSRAM GmbH SPL-2F81-2S Datasheet HTML 6Page - OSRAM GmbH SPL-2F81-2S Datasheet HTML 7Page - OSRAM GmbH SPL-2F81-2S Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2016-03-02
4
Version 1.1
SPL 2F81-2S
NTC Thermistor
RT = R0 x exp (B x (1/T - 1/T0))
R0 = 10 kΩ ± 3%, T0 = 25 °C = 298 K, B = 3730 K
Notes for Operation I
All devices are pre-tested and will be delivered including measured laser characteristics. For safety,
unpacking, handling, mounting, and operating issues, please read carefully our "Notes for Operation I".
Mechanical Attachment
Mounting hole (suitable for M 2.5).
Because of the good thermal conductivity of the TO 220 base plate (copper) the heat loss is properly
dissipated even if the component is attached on one side only.
For exact positioning of the TO component and other parts, e. g. lenses, the TO 220 package can be
attached with appropriate clampig devices or screws (max. M 2.5).
OHL01668
0
NTC
R
T
350
250
200
50
100
150
k
-40 -20
0
20
60
40
˚C 100


Similar Part No. - SPL-2F81-2S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPL-2F94-2S OSRAM-SPL-2F94-2S Datasheet
203Kb / 8P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
More results

Similar Description - SPL-2F81-2S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPL2F94-2S OSRAM-SPL2F94-2S Datasheet
211Kb / 7P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL2F81-2S OSRAM-SPL2F81-2S Datasheet
211Kb / 7P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL-2F94-2S OSRAM-SPL-2F94-2S Datasheet
203Kb / 8P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
logo
Siemens Semiconductor G...
SPL2FXX SIEMENS-SPL2FXX Datasheet
122Kb / 6P
   Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPL2Y94-2S OSRAM-SPL2Y94-2S Datasheet
208Kb / 7P
   Laser Diode in TO-220 Package 2.0 W cw
SPL2Y81-2S OSRAM-SPL2Y81-2S Datasheet
208Kb / 7P
   Laser Diode in TO-220 Package 2.0 W cw
logo
Siemens Semiconductor G...
SPL2YXX SIEMENS-SPL2YXX Datasheet
115Kb / 6P
   Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPLCG65 OSRAM-SPLCG65 Datasheet
180Kb / 7P
   Rote Laser Diode in offener Bauform 0.5 W cw
SPLCG81-2S OSRAM-SPLCG81-2S Datasheet
186Kb / 7P
   Laser Diode in offener Bauform 2.0 W cw (C-Mount)
SPLCG98 OSRAM-SPLCG98 Datasheet
187Kb / 7P
   Laser Diode in offener Bauform 2.0 W cw (C-Mount)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com