Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM3714BD2H26F0C09 Datasheet(PDF) 5 Page - Vicor Corporation

Part # DCM3714BD2H26F0C09
Description  Isolated, Regulated DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM3714BD2H26F0C09 Datasheet(HTML) 5 Page - Vicor Corporation

  DCM3714BD2H26F0C09 Datasheet HTML 1Page - Vicor Corporation DCM3714BD2H26F0C09 Datasheet HTML 2Page - Vicor Corporation DCM3714BD2H26F0C09 Datasheet HTML 3Page - Vicor Corporation DCM3714BD2H26F0C09 Datasheet HTML 4Page - Vicor Corporation DCM3714BD2H26F0C09 Datasheet HTML 5Page - Vicor Corporation DCM3714BD2H26F0C09 Datasheet HTML 6Page - Vicor Corporation DCM3714BD2H26F0C09 Datasheet HTML 7Page - Vicor Corporation DCM3714BD2H26F0C09 Datasheet HTML 8Page - Vicor Corporation DCM3714BD2H26F0C09 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Electrical Specifications
Specifications apply over all line, trim and load conditions, internal temperature TINT = 25ºC, unless otherwise noted. Boldface specifications apply over the
temperature range specified by the product grade.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Power Input Specification
Input voltage range
VIN
Continuous operation
200
300
420
V
Inrush current (peak)
IINRP
With maximum COUT-EXT, full resistive load
7.0
A
Input capacitance (internal)
CIN-INT
Effective value at nominal input voltage
1.7
µF
Input capacitance (internal) ESR
RCIN-INT
At 1 MHz
2.50
m
Ω
Input inductance (external)
LIN
Differential mode, with no further line bypassing
5
µH
No Load Specification
Input power – disabled
PQ
Nominal line, see Fig. 3
1.5
2.5
W
Worst case line, see Fig. 3
3.0
W
Input power – enabled with no load
PNL
Nominal line, see Fig. 4
3.0
4.5
W
Worst case line, see Fig. 4
5.0
W
Power Output Specification
Output voltage set point
VOUT-NOM
23.88
24.0
24.12
V
Rated output voltage trim range
VOUT-TRIMMING
Trim range over temp.
Specifies the Low, Nominal and High Trim conditions.
21.6
24.0
26.4
V
VOUT accuracy
%VOUT-
ACCURACY
Total output voltage setpoint accuracy for all line
conditions and for all load conditions above 10%
of rated load, with trim inactive and SENSE pins
connected (either at the load for remote sense, or at
the DCM output for local sense)
0.5
%
VOUT accuracy with Sense Pins
floating
%VOUT-
ACCURACY-SF
Total output voltage setpoint accuracy for all line
conditions and for all load conditions above 10%
of rated load, with trim inactive and Sense Pins
floating (Local Sense only)
1.0
%
VOUT accuracy with trim active
%VOUT-
ACCURACY-TRIM
Total output voltage setpoint accuracy for all line
conditions and for all load conditions above 10%
of rated load, with trim active
2.0
%
VOUT accuracy light load
%VOUT-
ACCURACY-LL
Total output voltage setpoint accuracy for all line and
trim conditions, for load conditions below or equal to
10% of rated load
5.0
%
Rated output power
POUT
Continuous, VOUT
≥ 24.0 V
600
W
Rated output current
IOUT
Continuous, VOUT
≤ 24.0 V
25.00
A
Output current limit
IOUT-LM
Of rated IOUT max. Fully operational current limit, for
nominal trim and below
100
115
135
%
Current limit delay
tIOUT-LIM
The module will power limit in a fast transient event
1
ms
Efficiency
η
Full load, nominal line, nominal trim
91.7
93.2
%
Full load, over line and temperature, nominal trim
90.5
%
50% load, over rated line, temperature and trim
89.6
%
Output voltage ripple
VOUT-PP
Over all operating steady-state line, load and trim
conditions, 20 MHz BW, with minimum COUT-EXT
350
mV
Output capacitance (internal)
COUT-INT
Effective value at nominal output voltage
112
µF
Output capacitance (internal) ESR
RCOUT-INT
At 1 MHz
0.06
m
Ω
DCM3714xD2H26F0yzz
DCMin a VIA Package
Rev 2.0
vicorpower.com
Page 5 of 23
07/2017
800 927.9474


Similar Part No. - DCM3714BD2H26F0C09

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM3714BD2H26FOC01 VICOR-DCM3714BD2H26FOC01 Datasheet
1Mb / 23P
   Regulated DC Converter
DCM3714BD2H26FOC05 VICOR-DCM3714BD2H26FOC05 Datasheet
1Mb / 23P
   Regulated DC Converter
DCM3714BD2H26FOC09 VICOR-DCM3714BD2H26FOC09 Datasheet
1Mb / 23P
   Regulated DC Converter
DCM3714BD2H26FOT01 VICOR-DCM3714BD2H26FOT01 Datasheet
1Mb / 23P
   Regulated DC Converter
DCM3714BD2H26FOT05 VICOR-DCM3714BD2H26FOT05 Datasheet
1Mb / 23P
   Regulated DC Converter
More results

Similar Description - DCM3714BD2H26F0C09

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623X36G26C2YZZ VICOR-DCM3623X36G26C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X36G40C2YZZ VICOR-DCM3623X36G40C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X50M04A2Y7Z VICOR-DCM3623X50M04A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623X50M06A8Y7Z VICOR-DCM3623X50M06A8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3414X75H31C2YZZ VICOR-DCM3414X75H31C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623XA5N06A2Y7Z VICOR-DCM3623XA5N06A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623XA5N17B4Y7Z VICOR-DCM3623XA5N17B4Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623XA5N0480Y7Z VICOR-DCM3623XA5N0480Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM4623XD2N31C8YZZ VICOR-DCM4623XD2N31C8YZZ_17 Datasheet
1Mb / 25P
   Isolated, Regulated DC Converter
DCM4623XD2N53C8Y7Z VICOR-DCM4623XD2N53C8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com