Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM3714BD2H31E0T09 Datasheet(PDF) 4 Page - Vicor Corporation

Part # DCM3714BD2H31E0T09
Description  Isolated, Regulated DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM3714BD2H31E0T09 Datasheet(HTML) 4 Page - Vicor Corporation

  DCM3714BD2H31E0T09 Datasheet HTML 1Page - Vicor Corporation DCM3714BD2H31E0T09 Datasheet HTML 2Page - Vicor Corporation DCM3714BD2H31E0T09 Datasheet HTML 3Page - Vicor Corporation DCM3714BD2H31E0T09 Datasheet HTML 4Page - Vicor Corporation DCM3714BD2H31E0T09 Datasheet HTML 5Page - Vicor Corporation DCM3714BD2H31E0T09 Datasheet HTML 6Page - Vicor Corporation DCM3714BD2H31E0T09 Datasheet HTML 7Page - Vicor Corporation DCM3714BD2H31E0T09 Datasheet HTML 8Page - Vicor Corporation DCM3714BD2H31E0T09 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to the device.
Electrical specifications do not apply when operating beyond rated operating conditions.
Parameter
Comments
Min
Max
Unit
Input Voltage (+IN to –IN)
-0.5
460
V
Input Voltage Slew Rate
1
V/µs
TR to –OUT
-0.5
3.6
V
EN to –OUT
-0.5
3.6
V
VDDE to –OUT
0
12
V
–SENSE to –OUT
0
2.225
V
+OUT to +SENSE
0
2.225
V
+SENSE to –OUT
0
36.4
V
Output Voltage (+Out to –Out)
-0.5
36.5
V
Dielectric withstand (input to output)
[2] See comment below
2121
Vdc
Internal Operating Temperature
C Grade
-20
125
°C
T Grade
-40
125
°C
M Grade
-55
125
°C
Storage Temperature
C Grade
-20
125
°C
T Grade
-40
125
°C
M Grade
-65
125
°C
Average Output Current
17.9
A
Figure 2 —
Electrical Specified Operating Area
Figure 1 —
Thermal Specified Operating Area: Max Output Power
vs. Case Temp, Single unit at minimum full load efficiency
[2] The absolute maximum rating listed above for Dielectric withstand (input to output) refers to the VIA package. The internal safety approved isolating
component (ChiP) provides reinforced insulation (4242 V) from the input to output. However, the VIA package itself can only be tested at a basic isolation
value (2121 V). See Dielectric Withstand Test section on page 15 and Dielectric Withstand section on page 18 for more details.
DCM3714xD2H31E0yzz
DCMin a VIA Package
Rev 1.2
vicorpower.com
Page 4 of 23
07/2017
800 927.9474


Similar Part No. - DCM3714BD2H31E0T09

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM3714BD2H26F0C01 VICOR-DCM3714BD2H26F0C01 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM3714BD2H26F0C05 VICOR-DCM3714BD2H26F0C05 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM3714BD2H26F0C09 VICOR-DCM3714BD2H26F0C09 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM3714BD2H26F0M01 VICOR-DCM3714BD2H26F0M01 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM3714BD2H26F0M05 VICOR-DCM3714BD2H26F0M05 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
More results

Similar Description - DCM3714BD2H31E0T09

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623X36G26C2YZZ VICOR-DCM3623X36G26C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X36G40C2YZZ VICOR-DCM3623X36G40C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X50M04A2Y7Z VICOR-DCM3623X50M04A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623X50M06A8Y7Z VICOR-DCM3623X50M06A8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3414X75H31C2YZZ VICOR-DCM3414X75H31C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623XA5N06A2Y7Z VICOR-DCM3623XA5N06A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623XA5N17B4Y7Z VICOR-DCM3623XA5N17B4Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623XA5N0480Y7Z VICOR-DCM3623XA5N0480Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM4623XD2N31C8YZZ VICOR-DCM4623XD2N31C8YZZ_17 Datasheet
1Mb / 25P
   Isolated, Regulated DC Converter
DCM4623XD2N53C8Y7Z VICOR-DCM4623XD2N53C8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com