Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM4623TD2J13D0M70 Datasheet(PDF) 1 Page - Vicor Corporation

Part # DCM4623TD2J13D0M70
Description  Isolated, Regulated DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM4623TD2J13D0M70 Datasheet(HTML) 1 Page - Vicor Corporation

  DCM4623TD2J13D0M70 Datasheet HTML 1Page - Vicor Corporation DCM4623TD2J13D0M70 Datasheet HTML 2Page - Vicor Corporation DCM4623TD2J13D0M70 Datasheet HTML 3Page - Vicor Corporation DCM4623TD2J13D0M70 Datasheet HTML 4Page - Vicor Corporation DCM4623TD2J13D0M70 Datasheet HTML 5Page - Vicor Corporation DCM4623TD2J13D0M70 Datasheet HTML 6Page - Vicor Corporation DCM4623TD2J13D0M70 Datasheet HTML 7Page - Vicor Corporation DCM4623TD2J13D0M70 Datasheet HTML 8Page - Vicor Corporation DCM4623TD2J13D0M70 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
C
US
®
DCMDC-DC Converter
Isolated, Regulated DC Converter
DCM4623xD2J13D0y7z
Features & Benefits
Isolated, regulated DC-DC converter
Up to 400 W, 33.40 A continuous
92.9% peak efficiency
826 W/in3 Power density
Wide input range 180 – 420 Vdc
Safety Extra Low Voltage (SELV) 12.0 V Nominal Output
4242 Vdc isolation
ZVS high frequency switching
n Enables low-profile, high-density filtering
Fully operational current limit
OV, OC, UV, short circuit and thermal protection
4623 through-hole ChiP package
n 1.886” x 0.898” x 0.284”
(47.91 mm x 22.8 mm x 7.21 mm)
Typical Applications
Industrial
Process Control
Heavy Equipment
Defense / Aerospace
Product Description
The DCM Isolated, Regulated DC Converter is a DC-DC
converter, operating from an unregulated, wide range input to
generate an isolated 12.0 Vdc output. With its high frequency
zero voltage switching (ZVS) topology, the DCM converter
consistently delivers high efficiency across the input line range.
Modular DCM converters and downstream DC-DC products
support efficient power distribution, providing superior power
system performance and connectivity from a variety of
unregulated power sources to the point-of-load.
Leveraging the thermal and density benefits of Vicor’s ChiP
packaging technology, the DCM module offers flexible thermal
management options with very low top and bottom side
thermal impedances. Thermally-adept ChiP based power
components enable customers to achieve cost effective power
system solutions with previously unattainable system size,
weight and efficiency attributes, quickly and predictably.
Product Ratings
VIN = 180 V to 420 V
POUT = 400 W
VOUT = 12.0 V
(7.2 V to 13.2 V Trim)
IOUT = 33.40 A
S
NRTL
C
US
Part Ordering Information
Product
Function
Package
Size
Package
Type
Max
Input
Voltage
Range
Ratio
Max
Output
Voltage
Max
Output
Power
Temperature
Grade
Option
DCM
46
23
x
D2
J
13
D0
y
7z
DCM =
DC-DC
Converter
Length
in mm
x 10
Width
in mm
x 10
T =
Through hole
ChiPs
Internal Reference
T = -40°C – 125°C
M = -55°C – 125°C
70 = Enhanced VOUT
Regulation / Analog
Control Interface Version
DCMDC-DC Converter
Rev 1.0
Page 1 of 23
08/2017


Similar Part No. - DCM4623TD2J13D0M70

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM4623TD2J13D0M00 VICOR-DCM4623TD2J13D0M00 Datasheet
542Kb / 17P
   Analog Control 3623 and 4623 ChiP DCMs Evaluation Board
More results

Similar Description - DCM4623TD2J13D0M70

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623X36G26C2YZZ VICOR-DCM3623X36G26C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X36G40C2YZZ VICOR-DCM3623X36G40C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X50M04A2Y7Z VICOR-DCM3623X50M04A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623X50M06A8Y7Z VICOR-DCM3623X50M06A8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3414X75H31C2YZZ VICOR-DCM3414X75H31C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623XA5N06A2Y7Z VICOR-DCM3623XA5N06A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623XA5N17B4Y7Z VICOR-DCM3623XA5N17B4Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623XA5N0480Y7Z VICOR-DCM3623XA5N0480Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM4623XD2N31C8YZZ VICOR-DCM4623XD2N31C8YZZ_17 Datasheet
1Mb / 25P
   Isolated, Regulated DC Converter
DCM4623XD2N53C8Y7Z VICOR-DCM4623XD2N53C8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com