Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM3714BD2K06B5M05 Datasheet(PDF) 8 Page - Vicor Corporation

Part # DCM3714BD2K06B5M05
Description  Isolated, Regulated DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM3714BD2K06B5M05 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button DCM3714BD2K06B5M05 Datasheet HTML 4Page - Vicor Corporation DCM3714BD2K06B5M05 Datasheet HTML 5Page - Vicor Corporation DCM3714BD2K06B5M05 Datasheet HTML 6Page - Vicor Corporation DCM3714BD2K06B5M05 Datasheet HTML 7Page - Vicor Corporation DCM3714BD2K06B5M05 Datasheet HTML 8Page - Vicor Corporation DCM3714BD2K06B5M05 Datasheet HTML 9Page - Vicor Corporation DCM3714BD2K06B5M05 Datasheet HTML 10Page - Vicor Corporation DCM3714BD2K06B5M05 Datasheet HTML 11Page - Vicor Corporation DCM3714BD2K06B5M05 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Signal Specifications (Cont.)
Specifications apply over all line, trim and load conditions, internal temperature TINT = 25ºC, unless otherwise noted. Boldface specifications apply over the
temperature range specified by the product grade.Please note: For chassis mount models, Vicor part number 42550 will be needed for applications requiring
the use of signal pins (Enable, Trim and Sense functions).
+SENSE, –SENSE
• Provide Remote Sense capability.
• If floating, the DCM automatically implements Local Sense Operation. To achieve maximum regulation accuracy in local sense, the SENSE
pins should be connected directly to their respective OUT pins. If SENSE pins are floating, the regulation accuracy degrades
(see “VOUT accuracy with Sense Pins floating” on Page 5).
• Module performance is guaranteed for
ΔV
OUT_TO_LOAD within rated limits specified below. For
ΔV
OUT_TO_LOAD higher than the specified limits, regulation
accuracy is not guaranteed. Also, high
ΔV
OUT_TO_LOAD might trigger OVP (for above nominal trim conditions), and might cause load voltage runaway
(which might trigger UVP).
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
NOM
MAX
UNIT
Remote Sense rated Voltage Drop
ΔV
OUT_TO_LOAD
Rated voltage drop between DCM output and sense
point at the load, in Remote Sense Operation.
Module performance is guaranteed for
ΔV
OUT_TO_LOAD
below this threshold.
50
mV
+SENSE
-SENSE
L
O
A
D
DCMTM in a VIA package
COUT-EXT
RLINE
LLINE
+
-
VLOAD
RLINE
LLINE
+
-
VOUT
DCM3714xD2K06B5yzz
DCMin a VIA Package
Rev 1.1
vicorpower.com
Page 8 of 23
07/2017
800 927.9474


Similar Part No. - DCM3714BD2K06B5M05

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM3714BD2K13E0C01 VICOR-DCM3714BD2K13E0C01 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM3714BD2K13E0C05 VICOR-DCM3714BD2K13E0C05 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM3714BD2K13E0C09 VICOR-DCM3714BD2K13E0C09 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM3714BD2K13E0M01 VICOR-DCM3714BD2K13E0M01 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
DCM3714BD2K13E0M05 VICOR-DCM3714BD2K13E0M05 Datasheet
3Mb / 23P
   Isolated, Regulated DC Converter
More results

Similar Description - DCM3714BD2K06B5M05

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623X36G26C2YZZ VICOR-DCM3623X36G26C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X36G40C2YZZ VICOR-DCM3623X36G40C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X50M04A2Y7Z VICOR-DCM3623X50M04A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623X50M06A8Y7Z VICOR-DCM3623X50M06A8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3414X75H31C2YZZ VICOR-DCM3414X75H31C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623XA5N06A2Y7Z VICOR-DCM3623XA5N06A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623XA5N17B4Y7Z VICOR-DCM3623XA5N17B4Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623XA5N0480Y7Z VICOR-DCM3623XA5N0480Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM4623XD2N31C8YZZ VICOR-DCM4623XD2N31C8YZZ_17 Datasheet
1Mb / 25P
   Isolated, Regulated DC Converter
DCM4623XD2N53C8Y7Z VICOR-DCM4623XD2N53C8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com