Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM4226ST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM4226ST
Description  HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM4226ST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM4226ST Datasheet HTML 1Page - List of Unclassifed Manufacturers OM4226ST Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 - 23
3.2
4 11 R1
Supersedes 1 06 R0
HERMETIC TO-257AA DUAL POWER SCHOTTKY
RECTIFIER
FEATURES
• Very Low Forward Voltage
• Fast Switching Speed
• Hermetic Metal Package, TO-257AA Outline
• Low Thermal Resistance
• Isolated Package
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This product is specifically designed for use at power switching frequencies in excess
of 100 kHz. The product combines two Schottky-barrier diodes in a center-tap
configuration in a single package, simplifying installation, reducing heat sink
hardware, and the need to obtain matched components. The device is ideally suited
for Demanding applications where small size and hermetically sealed package is
required.
ABSOLUTE MAXIMUM RATINGS (TC = 25°C) Per Diode
Peak Inverse Voltage........................ OM4226ST=60V/OM4206ST=100 V
Maximum Average D.C. Output Current..................................... 8 A
Peak Surge Current (Non-Repetitive, 8.3 mS) ............................. 240 A
Peak Reverse Transient Current ........................................... 2 A
Storage Temperature Range ................................ - 55° C to + 175° C
Junction Operating Temperature Range....................... - 55° C to + 150° C
Package Thermal Resistance, Junction-to-Case .......................... 2° C/W
OM4206ST/RT/DT
OM4226ST/RT/DT
16 Amp, 60 and 100 Volt Rating
Center-Tap Rectifier
COMMON
ANODE
COMMON
CATHODE
DOUBLER
1
3
2
1
3
2
1
2
3
Common cathode is standard. Contact the factory for performance
characteristics for common anode and doubler.
Z-Tab package also available.
SCHEMATIC
OMXXXXRT
OMXXXXST
OMXXXXDT


Similar Part No. - OM4226ST

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM4228DS IRF-OM4228DS Datasheet
21Kb / 2P
   100 Amp, 45, 60 and 100 Volt Power Schottky Center-Tap Module
OM4228RS IRF-OM4228RS Datasheet
21Kb / 2P
   100 Amp, 45, 60 and 100 Volt Power Schottky Center-Tap Module
OM4228SS IRF-OM4228SS Datasheet
21Kb / 2P
   100 Amp, 45, 60 and 100 Volt Power Schottky Center-Tap Module
OM4229DS IRF-OM4229DS Datasheet
21Kb / 2P
   100 Amp, 45, 60 and 100 Volt Power Schottky Center-Tap Module
OM4229RS IRF-OM4229RS Datasheet
21Kb / 2P
   100 Amp, 45, 60 and 100 Volt Power Schottky Center-Tap Module
More results

Similar Description - OM4226ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM4201ST ETC2-OM4201ST Datasheet
23Kb / 2P
   HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER
OM4202SC ETC-OM4202SC Datasheet
17Kb / 2P
   HERMETIC TO-258AA DUAL POWER SCHOTTKY RECTIFIER
OM5008ST ETC2-OM5008ST Datasheet
23Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY RECTIFIER
OM5201STRT ETC2-OM5201STRT Datasheet
25Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5010ST ETC1-OM5010ST Datasheet
23Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY RECTIFIER
OM5201ST ETC-OM5201ST Datasheet
35Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5009ST ETC2-OM5009ST Datasheet
23Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY RECTIFIER
OM5011ST ETC2-OM5011ST Datasheet
23Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY SOFT RECOVERY RECTIFIER
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com