Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM54-1V2S080-8Z Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # STM54-1V2S080-8Z
Description  48V-to-PoL isolated DC-DC converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM54-1V2S080-8Z Datasheet(HTML) 2 Page - Bel Fuse Inc.

  STM54-1V2S080-8Z Datasheet HTML 1Page - Bel Fuse Inc. STM54-1V2S080-8Z Datasheet HTML 2Page - Bel Fuse Inc. STM54-1V2S080-8Z Datasheet HTML 3Page - Bel Fuse Inc. STM54-1V2S080-8Z Datasheet HTML 4Page - Bel Fuse Inc. STM54-1V2S080-8Z Datasheet HTML 5Page - Bel Fuse Inc. STM54-1V2S080-8Z Datasheet HTML 6Page - Bel Fuse Inc. STM54-1V2S080-8Z Datasheet HTML 7Page - Bel Fuse Inc. STM54-1V2S080-8Z Datasheet HTML 8Page - Bel Fuse Inc. STM54-1V2S080-8Z Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
STM48-MAIN
STM48-SATELLITE
Rev. 1.0 – 21/02/2018
www.powerstamp.org
Page 2 of 30
belfuse.com/power-solutions
Model Selection
Part Number
Input Voltage
[V]
Output Voltage*
[V]
Output Current
[A]
Output Current
[A peak]
Efficiency
(typical)
MAIN Power Stamps
STM48-1V8M070-xxx
40 – 60
1.6 – 2.0
70
100
94%
STM48-1V2M070-xxx
40 – 60
1.16 – 1.26
70
100
91.6%
STM48-1V0M070-xxx
40 – 60
0.9 – 1.1
70
100
91%
SATELLITE Power Stamps
STM48-1V8S070-xxx
40 – 60
1.6 – 2.0
70
100
94%
STM48-1V2S070-xxx
40 – 60
1.16 – 1.26
70
100
91.6%
STM48-1V0S070-xxx
40 – 60
0.9 – 1.1
70
100
91%
Controller IC
STPSA60
-
-
-
-
-
* Contact factory for NVM configuration files for different output voltage settings
Order Information
Product
Family
Input
Voltage
-
Output Voltage
Module style
Output Current
-
Options
STM
48
-
1V8
M
070
-
xxx
Power
Stamp form
factor
48= 40 – 60V
54= 46 – 59V
-
1V8= 1.8V
1V2= 1.215V
1V0= 1.0V
M= MAIN
S= SATELLITE
050= 50A
060= 60A
070= 70A
080= 80A
090= 90A
100= 100A
-
0 – 9= custom
Z= RoHS
G= Tray pkg.
EBx= Eval. Bd.
(x= number of
populated
stamps)


Similar Part No. - STM54-1V2S080-8Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM500-2 STMICROELECTRONICS-STM500-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
STM500-2 STMICROELECTRONICS-STM500-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
logo
Siemens Semiconductor G...
STM51004A SIEMENS-STM51004A Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
STM51004G SIEMENS-STM51004G Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
STM51004X SIEMENS-STM51004X Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
More results

Similar Description - STM54-1V2S080-8Z

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
TDK Electronics
FS1406-0700-AL TDK-FS1406-0700-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AL TDK-FS1406-1050-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1100-AS TDK-FS1406-1100-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-2500-AS TDK-FS1406-2500-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-0900-AL TDK-FS1406-0900-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AS TDK-FS1406-1050-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1403-3300-AL TDK-FS1403-3300-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com