Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NW19M12WA Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NW19M12WA
Description  Frequency Controlled Crystal Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NW19M12WA Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NW19M12WA_11 Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
fcxo04_111003_NW19M12WA/B_e
Frequency Controlled Crystal Oscillator (FCXO)
Clock Generator Modules
Model Name NW19M12WA/B
GSM (GPRS, EDGE), Communications equipment
Main Application
● Output frequency in sync with input frequency can be obtained.
● Lock status can be monitored with VCXO control voltage
monitor output used.
Features
Item
Model
NW19M12WA
NW19M12WB
Supply voltage [VCC] (V)
+3.3 ± 5 %
Current consumption (mA)
Max. 40
Max. 50
Operating temperature range (°C)
−10 to +75
Storage Temperature Range (°C)
−20 to +85
Input level (Vp-p)
0.5 to 2.0
Input reference frequency (MHz)
32.768
61.44
Input reference frequency stability
Max. 2.0 ×10−6
Input impedance (kΩ)
Min. 2.0
Output level
CMOS
Output frequency (MHz)
104
122.88
Symmetry (%)
45 to 55 (1/2VCC, at 25 °C)
Lock detect output
L : PLL out of lock, H : PLL in lock
Phase noise
(@PLL Lock)
(dBc/Hz)
Frequency
offset
10 Hz
Typ. −80
Typ. −75
100 Hz
Typ. −110
Typ. −97
1 kHz
Typ. −136
Typ. −129
10 kHz
Typ. −148
Typ. −147
100 kHz
Typ. −151
Typ. −150
Input reference frequency (MHz)
Output frequency (MHz)
Ordering Code
32.768
104.0
NW19M12WA-104M-NSA3435A
61.44
122.88
NW19M12WB-122.88M-NSA3435B
List of Ordering Codes
mm
19.8
0.2
15.24
0.1
10.16
0.1
1.00
#1 #2
#6 #7
#14 #13
#9
#8
15.24
0.1
10.16
0.1
2.5
1.3
Land pattern (Typical)
#1
#2
#6
#7
Control Voltage Output
LD Output
GND
GND
#8
#9
#13
#14
Output
GND
Fref IN
VCC
Terminal land connections
Dimensions
Specifications
-20.00
-40.00
-60.00
80.00
100.00
120.00
140.00
160.00
180.00
Phase Noise 10.00dB/Ref -20.00dBc/Hz
Carrier 103.999916MHz 11.3690dBm
1Hz
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
Phase noise (Example 104MHz)
NW19M12WA
104 MHz
Signal
Source
Analyzer
Input
DC Power Out
3.3 V
1
OCXO 32.768 MHz
Output
Fref IN
Vcc
Vcc
An external power supply
OCXO
32.768 MHz
1
Phase Noise Measurement Block (104 MHz)
*1 Use NDK's OCXO 32.768MHz


Similar Part No. - NW19M12WA_11

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NW19M12WA-104M-NSA3435A NDK-NW19M12WA-104M-NSA3435A Datasheet
88Kb / 1P
   Frequency Timing and Translation Modules Frequency Controlled Crystal Oscillator (FCXO) Clock Generator Modules
More results

Similar Description - NW19M12WA_11

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-401 VECTRON-FX-401 Datasheet
1Mb / 8P
   Frequency Controlled Crystal Oscillator
FX-501 VECTRON-FX-501 Datasheet
1Mb / 5P
   Frequency Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NW34M25WA NDK-NW34M25WA_11 Datasheet
333Kb / 1P
   Frequency Controlled Crystal Oscillator
NW36M25LA NDK-NW36M25LA Datasheet
85Kb / 1P
   Frequency Controlled Crystal Oscillator (FCXO)
NW34M25WA NDK-NW34M25WA Datasheet
82Kb / 1P
   Frequency Controlled Crystal Oscillator (FCXO)
logo
TEMEX
RCV7050P TEMEX-RCV7050P Datasheet
751Kb / 8P
   SMD Selectable Frequency Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NW36M25LA NDK-NW36M25LA_14 Datasheet
419Kb / 1P
   Frequency Controlled Crystal Oscillator (FCXO) Advanced Stratum3 Module
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
TEMEX
ULN-C TEMEX-ULN-C Datasheet
219Kb / 4P
   Ultra Low Noise High Frequency Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-202 VECTRON-OX-202 Datasheet
618Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com