Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM48-1V0S100-7Z Datasheet(PDF) 19 Page - Bel Fuse Inc.

Part # STM48-1V0S100-7Z
Description  48V-to-PoL isolated DC-DC converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM48-1V0S100-7Z Datasheet(HTML) 19 Page - Bel Fuse Inc.

Back Button STM48-1V0S100-7Z Datasheet HTML 15Page - Bel Fuse Inc. STM48-1V0S100-7Z Datasheet HTML 16Page - Bel Fuse Inc. STM48-1V0S100-7Z Datasheet HTML 17Page - Bel Fuse Inc. STM48-1V0S100-7Z Datasheet HTML 18Page - Bel Fuse Inc. STM48-1V0S100-7Z Datasheet HTML 19Page - Bel Fuse Inc. STM48-1V0S100-7Z Datasheet HTML 20Page - Bel Fuse Inc. STM48-1V0S100-7Z Datasheet HTML 21Page - Bel Fuse Inc. STM48-1V0S100-7Z Datasheet HTML 22Page - Bel Fuse Inc. STM48-1V0S100-7Z Datasheet HTML 23Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
STM48-MAIN
STM48-SATELLITE
Rev. 1.0 – 21/02/2018
www.powerstamp.org
Page 19 of 30
belfuse.com/power-solutions
SVID / AVS Interface
The MAIN Power Stamp supports alternatively Intel Serial VID interface (SVID) or PMBus Adaptive Voltage Scaling
interface (AVS) for output voltage positioning. The SVID interface communicates with Intel microprocessor through
three wires, SVCLK, SVDAT, and SV_ALRT, and controls the VID code change rate. It is fully compliant with Intel VR13
PWM rev 1.1, document # 544905 and Intel SVID protocol Rev1.7, document # 456098.
To guarantee proper device
and CPU operations, refer to these documents for bus design and layout guidelines. Different platforms may require
different pull-up impedance on the bus. Please contact Intel for detailed information regarding the SVID interface.
FPGAs, ASICs, SoCs and non-Intel processors can adaptively change their supply voltages using AVS. The SVID and AVS
interfaces share the same hardware and switching between the two can happen at run time. The corresponding AVS
pin names are AVSCLK, AVSMDAT and AVSSDAT.
Paralleling
The block diagram of the MAIN Power Stamp digital control loop is illustrated in the figure:
MAIN
PWM2Y
PWM1X
PWM1Y
PWM2X
PWM3X
PWM3Y
PWM4X
G2
G1
H2
H1
J2
J1
K2
Digital Multi-cell Controller
CSN4
CSP5
CSP6
CSN5
CSN6
F6
E3
F3
E7
F7
Primary parallel bus
PWM6X
PWM4Y
PWM5X
PWM5Y
PWM6Y
START3
START4
K1
L2
L1
L3
M3
N4
N6
START5
START6 M4
DPWM
Secondary parallel bus
START2 N5
N3
Digital
COT
control
PID
DPS
Remote
buffer
CSP2
CSN2
CSN3
CSP3
CSP4
E5
F5
E4
F4
E6
Secondary parallel bus
Secondary parallel bus
ADC
DAC
E8
F8
Vref
Temperature sensor
+S
-S
+
+
-
+
-
Digital
current
sharing
Temp. comp.
droop
The converter output voltage is differentially sensed by the +S and –S inputs of the remote buffer and compared with
a digitally adjustable voltage reference Vref. The output of the remote buffer is summed to a temperature
compensated (TMP) droop signal for load line generation and converted by the analog to digital converter (ADC) into
digital. Digital PID compensation is then applied before the signal is transmitted to the digital constant on time (COT)
control. Output currents of each individual phase are differentially sensed by the CSN and CSP inputs. A digital current
sharing block drives the digital COT control. Input voltage feedforward is applied to the digital COT control via the
VRSMON signal. Dynamic Phase Shedding (DPS) is computed as a function of the output current conditions and concurs


Similar Part No. - STM48-1V0S100-7Z

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM4800A SAMHOP-STM4800A Datasheet
696Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STM4800A VBSEMI-STM4800A Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
logo
SamHop Microelectronics...
STM4800S SAMHOP-STM4800S Datasheet
119Kb / 8P
   S uper high dense cell design for low R DS (ON).
logo
VBsemi Electronics Co.,...
STM4800S VBSEMI-STM4800S Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
logo
SamHop Microelectronics...
STM4806 SAMHOP-STM4806 Datasheet
126Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - STM48-1V0S100-7Z

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
TDK Electronics
FS1406-0700-AL TDK-FS1406-0700-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AL TDK-FS1406-1050-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1100-AS TDK-FS1406-1100-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-2500-AS TDK-FS1406-2500-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-0900-AL TDK-FS1406-0900-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AS TDK-FS1406-1050-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1403-3300-AL TDK-FS1403-3300-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com