Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM54-1V8S100-7Z Datasheet(PDF) 17 Page - Bel Fuse Inc.

Part # STM54-1V8S100-7Z
Description  48V-to-PoL isolated DC-DC converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM54-1V8S100-7Z Datasheet(HTML) 17 Page - Bel Fuse Inc.

Back Button STM54-1V8S100-7Z Datasheet HTML 13Page - Bel Fuse Inc. STM54-1V8S100-7Z Datasheet HTML 14Page - Bel Fuse Inc. STM54-1V8S100-7Z Datasheet HTML 15Page - Bel Fuse Inc. STM54-1V8S100-7Z Datasheet HTML 16Page - Bel Fuse Inc. STM54-1V8S100-7Z Datasheet HTML 17Page - Bel Fuse Inc. STM54-1V8S100-7Z Datasheet HTML 18Page - Bel Fuse Inc. STM54-1V8S100-7Z Datasheet HTML 19Page - Bel Fuse Inc. STM54-1V8S100-7Z Datasheet HTML 20Page - Bel Fuse Inc. STM54-1V8S100-7Z Datasheet HTML 21Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
STM48-MAIN
STM48-SATELLITE
Rev. 1.0 – 21/02/2018
www.powerstamp.org
Page 17 of 30
belfuse.com/power-solutions
Feature Description - MAIN
The MAIN Power Stamp is a standalone DC-DC PoL converter designed to control multi-phase, interleaved arrays of
SATELLITE Power Stamps. It includes an on-board SATELLITE and an STPSA60 Digital Multi-cell Controller in a single
package. MAIN and SATELLITE are using the same pinout for signals available in both modules. The MAIN module
additionally includes an LGA connector for control signals not present on SATELLITE. A single MAIN can control up to
five SATELLITE for an array of six phases, maximum. Several digital interfaces are included for ease of integration into
complex microprocessor applications.
Primary Microcontroller Interface
The digital multi-cell controller embedded in the MAIN Power Stamp monitors input/output voltage, power and
current in order to manage OV, UV and OC events and to provide telemetry data to the CPU and PMBus interfaces.
The Primary Microcontroller Interface (PuC I/F) transmits information about the telemetry from the primary side.
Either digital or analog transmission methods are available. A serial interface is conveniently used in isolated
configurations (PUCDTO, PUCDTI, PUCCK and PUCCS pins) with external digital isolators. Non-isolated configurations
can take advantage of the analog VRSMON signal. User can program how and when to use such configurations and
telemetry data information. Following standard PMBus implementation, each protection features a programmable
warning and fault limits and actions. Protections are configurable and used to trigger special outputs of the CPU
interface. Please refer to the STPSA60 Data Sheet and GUI User Manual for a list of the specific commands supported.
MAIN
VR_RDY
PFAULT_IN#
VR_HOT#
FAULT#
VCCIO_OK
PIN_ALERT#
EN
D1
K7
L4
L5
L7
L8
L6
Digital Multi-cell
Controller
IRQ
PuC
I/F
PUCDTO
PUCDTI
PUCCS
PUCCK
E1
E2
F1
F2
PuC I/F
CPU I/F
CPU Interface
The EN pin is an active-high signal that enables the converter when pulled up to VCC, connect to GND to disable.
Please contact Intel for detailed information regarding the CPU interface and a list of the specific signals supported.
PMBus Interface
The MAIN Power Stamp has a PMBus interface that supports both communication and control. The PMBus Power
Management Protocol Specification can be obtained from www.pmbus.org. The modules support a subset of version
1.2 of the standard and is fully compatible with the PMBus™ specification for read/write access in the byte, word,
block mode. More than 110 commands are implemented, covering all the basic and advanced functions of the device.


Similar Part No. - STM54-1V8S100-7Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM500-2 STMICROELECTRONICS-STM500-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
STM500-2 STMICROELECTRONICS-STM500-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
logo
Siemens Semiconductor G...
STM51004A SIEMENS-STM51004A Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
STM51004G SIEMENS-STM51004G Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
STM51004X SIEMENS-STM51004X Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
More results

Similar Description - STM54-1V8S100-7Z

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
TDK Electronics
FS1406-0700-AL TDK-FS1406-0700-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AL TDK-FS1406-1050-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1100-AS TDK-FS1406-1100-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-2500-AS TDK-FS1406-2500-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-0900-AL TDK-FS1406-0900-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AS TDK-FS1406-1050-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1403-3300-AL TDK-FS1403-3300-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com