Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM54-1V8M100-7Z Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # STM54-1V8M100-7Z
Description  48V-to-PoL isolated DC-DC converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM54-1V8M100-7Z Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button STM54-1V8M100-7Z Datasheet HTML 4Page - Bel Fuse Inc. STM54-1V8M100-7Z Datasheet HTML 5Page - Bel Fuse Inc. STM54-1V8M100-7Z Datasheet HTML 6Page - Bel Fuse Inc. STM54-1V8M100-7Z Datasheet HTML 7Page - Bel Fuse Inc. STM54-1V8M100-7Z Datasheet HTML 8Page - Bel Fuse Inc. STM54-1V8M100-7Z Datasheet HTML 9Page - Bel Fuse Inc. STM54-1V8M100-7Z Datasheet HTML 10Page - Bel Fuse Inc. STM54-1V8M100-7Z Datasheet HTML 11Page - Bel Fuse Inc. STM54-1V8M100-7Z Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
STM48-MAIN
STM48-SATELLITE
Rev. 1.0 – 21/02/2018
www.powerstamp.org
Page 8 of 30
belfuse.com/power-solutions
Protections
+S
Feedback disconnection
700
mV
-S
Feedback disconnection
500
mV
VRSMON
Peak protection
3.045
V
PMBus Interface
SDA
SCL
Input HIGH, rising
1.8
V
Input LOW, falling
1.4
V
SDA
SALERT
Output pull down, ISINK= 5mA
13
Ω
SADDR
RDOWN resistor (see PMBus Address section)
10
SVID / AVS Interface
SVDAT / AVSMDAT
SVCLK / AVSCLK
Input HIGH, rising
0.65
V
Input LOW, falling
0.45
V
SVDAT / AVSMDAT
SV_ALRT / AVSSDAT
Output pull down, ISINK= 5mA
13
Ω
CPU Link Interface
VR_HOT#
Output pull down, ISINK= 5mA
13
Ω
VR_RDY
13
Ω
FAULT#
45
Ω
VCCIO_OK
Input HIGH, rising
1.7
V
Input LOW, falling
1.5
V
PFAULT_IN#
Pull up current
10
µA
PIN_ALERT#
Output pull down, ISINK= 5mA
13
Ω
Primary uController Interface
PUCCS, PUCCK
PUCDTI
Input HIGH, rising
1.7
V
Input LOW, falling
1.5
V
PUCDTO
Output HIGH voltage, ISOURCE= 1mA
4.5V
Output LOW voltage, ISINK= 5mA
125
250
mV
Output Pins
PWMx
STARTx
Output HIGH voltage, ISOURCE= 1mA
4.90
4.95
V
Output LOW voltage, ISINK= 1mA
25
50
mV
STARTx
Active high impedance (HiZ)
1.55.
1.60
1.65
V
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Relative humidity
Operating, non-condensing
RH
10
90
%
Altitude
-500
4000
ft.
Calculated MTBF
Calculated Per Telcordia SR-332, Issue2, Method 1, Case 3
VIN= 48 V, VOUT=1.83 V, IOUT= 70 A, Tamb= 40°C , FIT=109/MTBF
MTBF
TBD
Hours
Weight
12
g
Dimensions
L x W x H
30
12.7
18
mm


Similar Part No. - STM54-1V8M100-7Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM500-2 STMICROELECTRONICS-STM500-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
STM500-2 STMICROELECTRONICS-STM500-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
logo
Siemens Semiconductor G...
STM51004A SIEMENS-STM51004A Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
STM51004G SIEMENS-STM51004G Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
STM51004X SIEMENS-STM51004X Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
More results

Similar Description - STM54-1V8M100-7Z

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
TDK Electronics
FS1406-0700-AL TDK-FS1406-0700-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AL TDK-FS1406-1050-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1100-AS TDK-FS1406-1100-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-2500-AS TDK-FS1406-2500-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-0900-AL TDK-FS1406-0900-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AS TDK-FS1406-1050-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1403-3300-AL TDK-FS1403-3300-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com