Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NTE5586 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE5586
Description  Silicon Controlled Rectifier for Phase Control Applications
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE5586 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (Maximum values @ TJ = +125°C unless otherwise specified)
Operating Temperature Range, TC
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case (VF = Max Rating), RtnJC
DC and 180
° Sine wave
0.12
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
120
° Rectangular wave
0.14
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Case–to–Heat Sink, RthC–HS
0.04
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
.350 (8.89)
Dia Max
Gate
(White)
3.625
(92.07)
Max
8.100
(205.74)
Max
(Terminals
1, 2, & 3)
.630 (16.0)
3/4–16 UNF–2A
(Terminal 4)
.643 (16.35)
1.212 (30.8)
Dia Max
1.031 (26.18) Dia
(Ceramic)
Cathode
Cath-
ode
(Red)
Anode
1.077 (27.35) Max
.156 (3.96) Max
1.443 (36.68) Max
(Across Corners)
For No. 6 Screw
For No. 6 Screw


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn