Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSSR-7111 Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # HSSR-7111
Description  90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSSR-7111 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button HSSR-7111 Datasheet HTML 4Page - Broadcom Corporation. HSSR-7111 Datasheet HTML 5Page - Broadcom Corporation. HSSR-7111 Datasheet HTML 6Page - Broadcom Corporation. HSSR-7111 Datasheet HTML 7Page - Broadcom Corporation. HSSR-7111 Datasheet HTML 8Page - Broadcom Corporation. HSSR-7111 Datasheet HTML 9Page - Broadcom Corporation. HSSR-7111 Datasheet HTML 10Page - Broadcom Corporation. HSSR-7111 Datasheet HTML 11Page - Broadcom Corporation. HSSR-7111 Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Broadcom
- 8 -
HSSR-7110, HSSR-7111, HSSR-7112, HSSR-711E, 5962-9314001, 5962-9314002
Data Sheet
Typical Characteristics
Figure 8 Typical Output Leakage Current vs. Temperature
Figure 9 Typical Input Forward Current vs. Input Forward Voltage
-11
10
-7
10
-8
10
-9
10
-10
10
TA - TEMPERATURE - ˚C
125
95
65
20
35
CONNECTION A
V F = 0.6 V
V O = 90 V
T A = 25˚C
T A = 125˚C
T A = -55˚C
VF - INPUT FORWARD VOLTAGE - V
6
.
1
6
.
0
1.4
1.2
0.8
0.4
1.0
-1
10
-2
10
-4
10
-3
10
-5
10
-6
10
Figure 10 Switching Test Circuit for tON, tOFF
50%
10%
50%
90%
tON
tOFF
P.W. = 15 ms
V O
IF
PULSE GEN.
Z O = 50
tf = tr = 5 ns
R L
GND
(CL INCLUDES PROBE AND
FIXTURE CAPACITANCE)
V DD
C L = 25 pF
IF
MONITOR
R (MONITOR)
200
GND
MONITOR NODE
V O
HSSR-711x
2
3
4
1
6
7
5
8
-
IF
V F
+


Similar Part No. - HSSR-7111

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSSR-7111 HP-HSSR-7111 Datasheet
209Kb / 12P
   90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7111 AVAGO-HSSR-7111 Datasheet
143Kb / 11P
   90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
HSSR-7111 AVAGO-HSSR-7111 Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
HSSR-7111 AVAGO-HSSR-7111 Datasheet
143Kb / 11P
   90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
More results

Similar Description - HSSR-7111

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7110-300 AVAGO-HSSR-7110-300 Datasheet
143Kb / 11P
   90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
logo
Agilent(Hewlett-Packard...
HSSR711X HP-HSSR711X Datasheet
209Kb / 12P
   90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
5962-9314002HPA AVAGO-5962-9314002HPA Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
logo
Micropac Industries
53272 MICROPAC-53272 Datasheet
208Kb / 9P
   POWER MOSFET OPTOCOUPLER 90V - 2.0A
53259 MICROPAC-53259 Datasheet
130Kb / 6P
   POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
53124 MICROPAC-53124 Datasheet
239Kb / 13P
   RADIATION TOLERANT, 짹 90V - 0.8A POWER MOSFET OPTOCOUPLER
66024 MICROPAC-66024 Datasheet
94Kb / 3P
   4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1930 AVAGO-HCPL-1930_12 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com