Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59837 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL59837
Description  200MHz Single Supply Video Driver With Charge Pump and Power Down
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL59837 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL59837 Datasheet HTML 6Page - Renesas Technology Corp ISL59837 Datasheet HTML 7Page - Renesas Technology Corp ISL59837 Datasheet HTML 8Page - Renesas Technology Corp ISL59837 Datasheet HTML 9Page - Renesas Technology Corp ISL59837 Datasheet HTML 10Page - Renesas Technology Corp ISL59837 Datasheet HTML 11Page - Renesas Technology Corp ISL59837 Datasheet HTML 12Page - Renesas Technology Corp ISL59837 Datasheet HTML 13Page - Renesas Technology Corp ISL59837 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ISL59837
FN6335 Rev 1.00
Page 12 of 14
March 5, 2007
THE CHARGE PUMP
The ISL59837 charge pump provides a bottom rail up to 1.6V
below ground while operating on a 0V to 3.3V power supply.
The charge pump is internally regulated to one-half the
potential of the positive supply. This internal multi-phase
charge pump is driven by a 110MHz differential ring oscillator
driving a series of inverters and charge storage circuitry. Each
series inverter charges and places parallel adjoining charge
circuitry slightly out of phase with the immediately preceding
block. This generates a negative rail of about -1.6V with a low
amplitude ripple voltage from the charge pump action. Some of
this ripple is coupled into the output signals at a very low
amplitude, as seen in Figure 21. The ripple on the outputs is
typically well below the noise floor of the signal.
There are two ways to further reduce the output supply noise:
• Add a 120
bead in series between VCC and DVCC. This
reduces the coupling between the charge pump and the
analog amplifier supplies.
• Add a 20pF capacitor between the back load 75
 resistor
and ground (see “ISL59837 + DC-Restore Solution” on
page 10). This will attenuate frequencies above 100MHz.
The system operates at sufficiently high frequencies that any
related charge pump noise is far beyond standard video
bandwidth requirements. Still, appropriate bypassing discipline
must be observed, and all pins related to either the power
supply or the charge pump must be properly bypassed. See
“Power Supply Bypassing and Printed Circuit Board Layout” on
page 13.
THE VREF PIN
Applying a voltage to the VREF pin simply places that voltage
on what would usually be the ground side of the gain resistor of
the amplifier, resulting in a DC-level shift of the output signal.
Applying 100mV to the VREF pin would apply a 100mV DC
level shift to the outgoing signal. The charge pump provides
sufficient bottom room to accommodate the shifted signal.
The ISL59837 buffers the VREF voltage before applying it to
the triple amplifiers, isolating the input from the amplifiers and
allowing it to be driven by moderate-impedance voltage
sources.
THE VEE PIN
The VEE pin is the output pin for the charge pump. A voltmeter
applied to this pin will display the output of the charge pump.
This pin does not affect the functionality of the part. One may
use this pin as an additional voltage source. Keep in mind that
the output of this pin is generated by the internal charge pump
and a fully regulated supply that must be properly bypassed.
We recommend a 0.1µF ceramic capacitor placed as close to
the pin and connected to the ground plane of the board.
INPUT, OUTPUT AND SUPPLY VOLTAGE RANGE
The ISL59837 is designed to operate with a single supply
voltage range of from 0V to 3.3V. The need for a split supply
has been eliminated with the incorporation of a charge pump
capable of generating a bottom rail as much as 1.6V below
ground, for a 4.9V range on a single 3.3V supply. This
performance is ideal for NTSC video with its negative-going
sync pulses.
VIDEO PERFORMANCE
For good video performance, an amplifier is required to maintain
the same output impedance and the same frequency and phase
response as DC levels are changed at the output. This is
especially difficult when driving a standard video load of 150
because of the change in output current with changing DC
levels. Special circuitry has been incorporated into the ISL59837
for the reduction of output impedance variation with the current
output. This results in outstanding differential gain and
differential phase specifications of 0.06% and 0.1°, while driving
150
 at a gain of +2. Driving higher impedance loads would
result in similar or better differential gain and differential phase
performance.
NTSC
The ISL59837 (generating a negative rail internally) is ideally
suited for NTSC video with its accompanying negative-going
sync signals, which is easily handled by the ISL59837 without
the need for an additional supply as the ISL59837 generates a
negative rail with an internal charge pump referenced at
negative 1/2 the positive supply.
YPbPr
YPbPr signals originating from a DVD player requiring three
channels of very tightly-controlled amplifier gain accuracy present
no difficulty for the ISL59837. Specifically, this standard encodes
sync on the Y-Channel and it is a negative-going signal, which is
easily handled by the ISL59837 without the need for an additional
supply as the ISL59837 generates a negative rail placed at
negative 1/2 the positive supply. Additionally, the Pb and Pr are
bipolar analog signals and the video signals are negative-going,
and again, easily handled by the ISL59837.
DRIVING CAPACITIVE LOADS AND CABLES
The ISL59837 (internally-compensated to drive 75
 cables) will
drive 10pF loads in parallel with 1k
 with less than 5dB of
peaking. If less peaking is required, a small series resistor, usually
between 5
 to 50, can be placed in series with the output. This
will reduce peaking at the expense of a slight closed loop gain
reduction. When used as a cable driver, double termination is
always recommended for reflection-free performance. For those
applications, a back-termination series resistor at the amplifier's
output will isolate the amplifier from the cable and allow extensive
capacitive drive. However, other applications may have high
capacitive loads without a back-termination resistor. Again, a
small series resistor at the output can help to reduce peaking. The
ISL59837 is a triple amplifier designed to drive three channels;
simply deal with each channel separately as described in this
section.


Similar Part No. - ISL59837

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59837 INTERSIL-ISL59837 Datasheet
338Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
ISL59837 INTERSIL-ISL59837 Datasheet
341Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
March 5, 2007
ISL59837IAZ INTERSIL-ISL59837IAZ Datasheet
338Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
ISL59837IAZ INTERSIL-ISL59837IAZ Datasheet
341Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
March 5, 2007
ISL59837IAZ-T7 INTERSIL-ISL59837IAZ-T7 Datasheet
338Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
More results

Similar Description - ISL59837

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59837IAZ INTERSIL-ISL59837IAZ Datasheet
341Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
March 5, 2007
ISL59837 INTERSIL-ISL59837 Datasheet
338Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
logo
Renesas Technology Corp
ISL59833 RENESAS-ISL59833 Datasheet
719Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
logo
Intersil Corporation
ISL59833 INTERSIL-ISL59833 Datasheet
339Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
ISL59833IAZ INTERSIL-ISL59833IAZ Datasheet
342Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
March 5, 2007
ISL59831 INTERSIL-ISL59831 Datasheet
613Kb / 11P
   Single Supply Video Driver with Reconstruction Filter and Charge Pump
logo
Renesas Technology Corp
ISL59831 RENESAS-ISL59831 Datasheet
979Kb / 12P
   Single Supply Video Driver with Reconstruction Filter and Charge Pump
Mar 29, 2007
logo
Intersil Corporation
ISL59830AIAZ INTERSIL-ISL59830AIAZ Datasheet
336Kb / 15P
   True Single Supply Video Driver With Power Down
September 26, 2006
ISL59830A INTERSIL-ISL59830A Datasheet
390Kb / 15P
   True Single Supply Video Driver With Power Down
logo
Renesas Technology Corp
ISL59830A RENESAS-ISL59830A Datasheet
736Kb / 15P
   True Single Supply Video Driver With Power Down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com