Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1160M Datasheet(PDF) 4 Page - New Japan Radio

Part # NJW1160M
Description  AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1160M Datasheet(HTML) 4 Page - New Japan Radio

  NJW1160M Datasheet HTML 1Page - New Japan Radio NJW1160M Datasheet HTML 2Page - New Japan Radio NJW1160M Datasheet HTML 3Page - New Japan Radio NJW1160M Datasheet HTML 4Page - New Japan Radio NJW1160M Datasheet HTML 5Page - New Japan Radio NJW1160M Datasheet HTML 6Page - New Japan Radio NJW1160M Datasheet HTML 7Page - New Japan Radio NJW1160M Datasheet HTML 8Page - New Japan Radio NJW1160M Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
NJW1160
- 4 -
♦ TONE CONTROL
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
High Frequency Boost
HFBST
BCT=”1”,TREB=”1111”,
f=10kHz
12.5
15.0
17.5
dB
High Frequency Flat
HFFLT
TRBE=”0000”,f=10kHz
-2.0
0.0
2.0
dB
High Frequency Cut
HFCUT
BCT=”0”,TRBE=”1111”,
f=10kHz
-17.5
-15.0
-12.5
dB
Low Frequency Boost
LFBST
BCB=”1”,BASS=”1111”,
f=100Hz
12.5
15.0
17.5
dB
Low Frequency Flat
LFFLT
BASS=”0000”,f=100Hz
-2.0
0.0
2.0
dB
Low Frequency Cut
LFCUT
BCB=”0”,BASS=”1111”,
f=100Hz
-17.5
-15.0
-12.5
dB
♦ AGC CONTROL(AGC-ON)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
AGC Boost
AGCBST
Vin=50mVrms, f=1kHz
1.5
3.5
5.5
dB
AGC Flat1
AGCFLT1
Vin=150mVrms, f=1kHz
-2.5
0.0
2.5
dB
AGC Flat2
AGCFLT2
Vin=300mVrms, f=1kHz
-2.5
0.0
2.5
dB
AGC Flat3
AGCFLT3
Vin=400mVrms, f=1kHz
-2.5
0.0
2.5
dB
AGC Flat4
AGCFLT4
Vin=540mVrms, f=1kHz
-2.5
0.0
2.5
dB
AGC Cut
AGCCUT
Vin=2Vrms, f=1kHz
-14
-10
-6.0
dB
♦ BBE(BBE-ON)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
BBE Low Frequency
Boost Range
BBELOW
BBE-Low=”1111”, f = 50Hz
-
15.0
-
dB
BBE High Frequency
Boost Range
BBEHIGH
BBE-High=”1111”, f = 10KHz
-
15.0
-
dB
♦ SIMULATED SURROUND (Simulated Surround-ON, f=1kHz)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
SURROUND SIM A
SRSIMA
Ain+Bin
→ Aout
1.0
3.0
5.0
dB
SURROUND SIM B
SRSIMB
Ain+Bin
→ Bout
1.0
3.0
5.0
dB
♦ SRS 3D-Stereo (SRS 3D Stereo-ON, f=125Hz)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
SRS GAIN HIGH 1
SRSGH1
Ain
→ Aout, Mode=High
10.0
12.0
14.0
dB
SRS GAIN HIGH 2
SRSGH2
Bin
→ Bout, Mode=High
10.0
12.0
14.0
dB
SRS GAIN LOW 1
SRSGL1
Ain
→ Aout, Mode=Low
7.0
9.0
11.0
dB
SRS GAIN LOW 2
SRSGL2
Bin
→ Bout, Mode=Low
7.0
9.0
11.0
dB
SRS GAIN HIGH 3
SRSGH3
Bin
→ Aout, Mode=High
6.8
8.8
10.8
dB
SRS GAIN HIGH 4
SRSGH4
Ain
→ Bout, Mode=High
6.8
8.8
10.8
dB


Similar Part No. - NJW1160M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1161 NJRC-NJW1161 Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
NJW1161L NJRC-NJW1161L Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
NJW1161M NJRC-NJW1161M Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
NJW1163 NJRC-NJW1163 Datasheet
241Kb / 24P
   AUDIO PROCESSOR with Subwoofer Output
NJW1163A NJRC-NJW1163A Datasheet
241Kb / 24P
   AUDIO PROCESSOR with Subwoofer Output
More results

Similar Description - NJW1160M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1161 NJRC-NJW1161 Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
NJM2191 NJRC-NJM2191 Datasheet
89Kb / 7P
   SRS 3D Stereo & SRS HEADPHONE AUDIO PROCESSOR
logo
Mitsubishi Electric Sem...
M62438FP MITSUBISHI-M62438FP Datasheet
190Kb / 12P
   SRS 3D SOUND PROCESSOR
M62455P MITSUBISHI-M62455P Datasheet
198Kb / 12P
   SRS 3D SOUND PROCESSOR
M62458FP MITSUBISHI-M62458FP Datasheet
45Kb / 6P
   SRS 3D SOUND PROCESSOR
logo
Renesas Technology Corp
M62458FP RENESAS-M62458FP Datasheet
2Mb / 7P
   SRS 3D SOUND PROCESSOR
M62438FP RENESAS-M62438FP Datasheet
115Kb / 7P
   Simplified SRS 3D Sound Processor
logo
New Japan Radio
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com