Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1152 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJW1152
Description  SOUND PROCESSOR with SOUND ENHANCEMENT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1152 Datasheet(HTML) 5 Page - New Japan Radio

  NJW1152 Datasheet HTML 1Page - New Japan Radio NJW1152 Datasheet HTML 2Page - New Japan Radio NJW1152 Datasheet HTML 3Page - New Japan Radio NJW1152 Datasheet HTML 4Page - New Japan Radio NJW1152 Datasheet HTML 5Page - New Japan Radio NJW1152 Datasheet HTML 6Page - New Japan Radio NJW1152 Datasheet HTML 7Page - New Japan Radio NJW1152 Datasheet HTML 8Page - New Japan Radio NJW1152 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NJW1152
- 5 -
s
s
s
s I
2C BUS BLOCK CHARACTERISTICS (SDA,SCL)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
High Level Input Voltage
VIH
3.0
-
5.0
V
Low Level Input Voltage
VIL
0
-
1.5
V
High Level Input Current
IIH
-
-
10
µA
Low Level Input Current
IIL
-
-
10
µA
Low Level Output Voltage (3mA at SDA pin)
VOL
0
-
0.4
dB
Maximum Output Current
IOL
-3.0
-
-
mA
Maximum Clock Frequency
fSCL
0
-
100
kHz
Data Change Minimum Waiting Time
tBUF
4.7
-
-
µs
Data Transfer Start Minimum Waiting Time
tHD:STA
4.0
-
-
µs
Low Level Clock Pulse Width
tLOW
4.7
-
-
µs
High Level Clock Pulse Width
THIGH
4.0
-
-
µs
Minimum Start Preparation Waiting Time
tSU:STA
4.7
-
-
µs
Minimum Data Hold Time
tHD:DAT
5.0
-
-
µs
Minimum Data Preparation Time
tSU:DAT
250
-
-
ns
Rise Time
tR
-
-
1.0
µs
Fall Time
tF
-
-
300
ns
Minimum Stop Preparation Waiting Time
tSU:STO
4.7
-
-
µs
I
2C BUS Load Condition: Pull up resistance 4k
Ω (Connected to +5V)
Load capacitance 200pF (Connected to GND)
SDA
SCL
tBU
tHD:ST
Sr
P
tLOW
tR
tHD:DA
tHIGH
tF
tSU:DA
S
P
tSU:ST
tSU:ST
tHD:ST


Similar Part No. - NJW1152

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1150 NJRC-NJW1150 Datasheet
217Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
NJW1150M NJRC-NJW1150M Datasheet
217Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
NJW1151 NJRC-NJW1151 Datasheet
154Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
NJW1151M NJRC-NJW1151M Datasheet
154Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
NJW1153 NJRC-NJW1153 Datasheet
292Kb / 20P
   6-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
More results

Similar Description - NJW1152

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1137 NJRC-NJW1137 Datasheet
385Kb / 24P
   AUDIO PROCESSOR with SOUND ENHANCEMENT
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
New Japan Radio
NJM2150 NJRC-NJM2150 Datasheet
209Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR
NJM2153 NJRC-NJM2153 Datasheet
189Kb / 6P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2150A NJRC-NJM2150A Datasheet
230Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2152 NJRC-NJM2152 Datasheet
216Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR
NJU7087 NJRC-NJU7087 Datasheet
51Kb / 4P
   Sound Enhancement Processor For Telephone
logo
Rohm
BD3491FS ROHM-BD3491FS_14 Datasheet
1Mb / 34P
   Sound Processor with Built-in Surround Sound Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com