Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7771 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU7771
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7771 Datasheet(HTML) 4 Page - New Japan Radio

  NJU7771 Datasheet HTML 1Page - New Japan Radio NJU7771 Datasheet HTML 2Page - New Japan Radio NJU7771 Datasheet HTML 3Page - New Japan Radio NJU7771 Datasheet HTML 4Page - New Japan Radio NJU7771 Datasheet HTML 5Page - New Japan Radio NJU7771 Datasheet HTML 6Page - New Japan Radio NJU7771 Datasheet HTML 7Page - New Japan Radio NJU7771 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NJU7771/72/73/74/75/76
- 4 -
Ver.2004-01-19
!
TYPICALAPPLICATION
1
In case that ON/OFF Control is not required:
NJU777*
VIN
VOUT
CONTROL
GND
0.1
µF
VOUT
VIN
(ceramic capacitor)
1.0
µF (*1)
(*1) Vo
≤2.0V version: Co=2.2µF(ceramic)
Connect control terminal to VIN terminal.
2
In use of ON/OFF Control
NJU777*
VIN
VOUT
CONTROL
GND
0.1
µF
VOUT
VIN
(ceramic capacitor)
1.0
µF (*1)
(*1) Vo
≤2.0V version: Co=2.2µF(ceramic)
State of control terminal:
● “H”
→ output is enabled.
● “L” or “open”
→ output is disabled.


Similar Part No. - NJU7771

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU77701 NJRC-NJU77701 Datasheet
409Kb / 11P
   Wide-Band,High-Speed,Low-Offset,Low-Noise Rail-to-Rail Input/Output CMOS Operational Amplifier
ver.01
NJU77701F NJRC-NJU77701F Datasheet
409Kb / 11P
   Wide-Band,High-Speed,Low-Offset,Low-Noise Rail-to-Rail Input/Output CMOS Operational Amplifier
ver.01
NJU7777 NJRC-NJU7777 Datasheet
174Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
Ver.2008-01-24
NJU7777F4 NJRC-NJU7777F4 Datasheet
174Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
Ver.2008-01-24
NJU7777F4-03 NJRC-NJU7777F4-03 Datasheet
174Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
Ver.2008-01-24
More results

Similar Description - NJU7771

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com