Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDCH-50-13+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # DDCH-50-13+
Description  Dual-Directional Coupler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

DDCH-50-13+ Datasheet(HTML) 1 Page - Mini-Circuits

  DDCH-50-13+ Datasheet HTML 1Page - Mini-Circuits DDCH-50-13+ Datasheet HTML 2Page - Mini-Circuits DDCH-50-13+ Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Key Features
The Big Deal
• High power handling, up to 300W
• Low insertion loss, 0.15 dB
• Excellent return loss, 30 dB (In/Out)
• High directivity, 24.5 dB
DDCH-50-13+
DC Pass, High Power
Dual-Directional Coupler
CASE STYLE: PQ2100
50Ω 50dB Coupling 300W* 20 to 1000 MHz
Product Overview
Mini-Circuits DDCH-50-13+ is a high-power (300W), wide band (20-1000MHz) dual-directional coupler which
features low insertion loss (0.15 dB), 50 dB coupling and excellent mainline return loss (30 dB). The Dual
directional design allows monitoring forward and reverse power and guarantees good directivity, flatness and
coupling accuracy.
The DDCH-50-13+ supports a wide variety of applications from military to VHF/UHF radio, various cellular
base station applications and more.
The coupler is fabricated using laminated PCB process (1.5 x 1.0 x 0.128”) and includes wrap-around
terminations for good solderability and easy visual inspection.
*See power derating on page 2
Feature
Advantages
High power handling:
300W @ 85°C
160W @105°C
Usable in many systems with high-power requirements such as
antenna feeds, power amplifiers, and others that require sampling a
high power RF signal.
Dual-Directional Coupler
Ideally suited for simultaneous monitoring of both forward and reverse
power of a system, and reflectometer measurements. The Directivity is
not affected by coupling ports mismatch.
Low insertion loss, 0.15 dB
Used primarily in high power transmission applications, the excellent
through-path signal loss maximizes the power transmitted to the
antenna.
High directivity, 24.5 dB
High directivity with 50 dB coupling allows accurate signal sampling
through the coupled port with minimal measurement error.
Excellent return loss, 30 dB.
(input and output)
Provides excellent matching for 50Ω systems.
DC current passing, up to 4 A
Suitable for use in systems requiring DC voltage on the RF line, such
as supplying bias to remote circuit via the antenna cable.


Similar Part No. - DDCH-50-13+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DDCH-50-521 MINI-DDCH-50-521 Datasheet
484Kb / 3P
   Dual-Directional Coupler
DDCH-50-521++ MINI-DDCH-50-521+ Datasheet
484Kb / 3P
   Dual-Directional Coupler
More results

Similar Description - DDCH-50-13+

ManufacturerPart #DatasheetDescription
logo
Innovative Power Produc...
IPP-3118 IPP-IPP-3118 Datasheet
69Kb / 1P
   DUAL DIRECTIONAL COUPLER
IPP-3009 IPP-IPP-3009 Datasheet
70Kb / 1P
   DUAL DIRECTIONAL COUPLER
IPP-3175 IPP-IPP-3175 Datasheet
69Kb / 1P
   DUAL DIRECTIONAL COUPLER
IPP-3076 IPP-IPP-3076 Datasheet
66Kb / 1P
   DUAL DIRECTIONAL COUPLER
logo
American Accurate Compo...
JXWBSO-T-1000-3100-31-300 AAC-JXWBSO-T-1000-3100-31-300 Datasheet
58Kb / 1P
   Dual Directional Coupler
logo
Innovative Power Produc...
IPP-3005 IPP-IPP-3005 Datasheet
71Kb / 1P
   DUAL DIRECTIONAL COUPLER
IPP-3007 IPP-IPP-3007 Datasheet
65Kb / 1P
   DUAL DIRECTIONAL COUPLER
IPP-3011 IPP-IPP-3011 Datasheet
70Kb / 1P
   DUAL DIRECTIONAL COUPLER
IPP-3013 IPP-IPP-3013 Datasheet
62Kb / 1P
   DUAL DIRECTIONAL COUPLER
IPP-3020 IPP-IPP-3020 Datasheet
65Kb / 1P
   DUAL DIRECTIONAL COUPLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com