Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBTC-6-4-75L Datasheet(PDF) 1 Page - Mini-Circuits

Part # DBTC-6-4-75L
Description  Directional Couplers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

DBTC-6-4-75L Datasheet(HTML) 1 Page - Mini-Circuits

  DBTC-6-4-75L Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Typical Performance Data
Electrical Specifications
Maximum Ratings
Pin Connections
Features
• very flat coupling
• very broadband, multi octave
• temperature stable, LTCC base
• all welded construction
• leads attached for better solderability
• micro miniature coupler
• aqueous washable
• protected by US Patents 6,140,887 & 6,784,521
INPUT
3
OUTPUT
4
COUPLED
1
GROUND
2
ISOLATE (DO NOT USE)
6
Applications
• CATV
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Frequency
(MHz)
Mainline Loss
(dB)
In-Out
Coupling
(dB)
In-Cpl
Directivity
(dB)
Return Loss
(dB)
In
Cpl
Out
DBTC-6-4-75+
MAINLINE LOSS
2.0
2.2
2.4
2.6
2.8
3.0
0
250
500
750
1000
1250
FREQUENCY (MHz)
at RF level of -10 dBm
DBTC-6-4-75+
COUPLING & DIRECTIVITY
0
4
8
12
16
20
0
250
500
750
1000
1250
FREQUENCY (MHz)
COUPLING
DIRECTIVITY
at RF level of -10 dBm
DBTC-6-4-75+
RETURN LOSS
0
10
20
30
40
50
0
250
500
750
1000
1250
FREQUENCY (MHz)
IN
OUT
CPL
at RF level of -10 dBm
Directional Couplers
Surface Mount
FREQ.
(MHz)
COUPLING
(dB)
MAINLINE LOSS*
(dB)
DIRECTIVITY
(dB)
VSWR**
(:1)
POWER
INPUT
(W)
Max.
Flatness
L
M
U
U1
L
M
U
U1
L
Max.
MUU1
Max.
Nom.
Typ. Max. Typ. Max. Typ. Max. Typ. Max. Typ. Min. Typ. Min. Typ. Min. Typ. Min.
Typ.
5-1250
6.8±0.3
±0.8
2.2
3.1
2.2
2.6
2.3
2.8
2.3
2.9
15
13
17
13
16
10
12
7
1.4
0.5
1.0
L = low range [f
L to 10 fL]
M = mid range [10 f
L to 500 MHz]
U = 500 - 1000 MHz U1 = 1000 - 1250 MHz
* Includes theoretical coupled power loss of 1.02 dB at 6 dB coupling
** For coupled port VSWR above 500 MHz, 1.6:1 typ.
Demo Board MCL P/N: TB-279
Suggested PCB Layout (PL-151)
No Leads
CASE STYLE:AT790-1
Leads
CASE STYLE:AT1030
DBTC-6-4-75+ DBTC-6-4-75L+
Outline Drawing / Dimensions (
)
inch
mm
AT1030 (DBTC-6-4-75L)
AT790-1 (DBTC-6-4-75)
A
B
C
D
E
F
G
H
J
K
wt
.150 .150 .150 .050 .030 .025 .028 .050 .160 .030 grams
3.81
3.81
3.81
1.27
0.76
0.64
0.71
1.27
4.06
0.76
0.10
A
B
C
D
E
F
G
H
J
K
L
wt
.166 .150 .155 .050 .037 .025 .012 .060 .184 .030 .004 grams
4.22
3.81
3.94
1.27
0.94
0.64
0.30
1.52
4.67
0.76
0.10
0.10
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
5.00
2.41
6.80
14.87
13.53
18.73
13.56
10.00
2.23
6.72
15.49
14.64
24.15
14.72
100.00
2.21
6.78
15.54
15.55
30.88
15.56
400.00
2.24
6.94
16.04
16.09
18.42
14.47
600.00
2.26
7.01
15.94
16.32
16.33
13.60
800.00
2.28
7.16
15.12
17.08
15.48
13.11
1000.00
2.32
7.36
13.45
18.22
15.61
12.36
1050.00
2.34
7.44
12.88
18.62
15.75
12.10
1100.00
2.40
7.51
12.50
18.66
15.58
12.04
1250.00
2.46
7.75
11.03
19.78
14.75
11.49
REV. L
M151107
DBTC-6-4-75+ ED-10488/1
DBTC-6-4-75L+ ED-10488C/1
WZ/TD/CP/AM
150702
75
Ω,
6dB coupling,
5 to 1250 MHz
Electrical Schematic
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - DBTC-6-4-75L

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DBTC-6-4-75LX MINI-DBTC-6-4-75LX Datasheet
433Kb / 1P
   Directional Coupler
DBTC-6-4-75LX++ MINI-DBTC-6-4-75LX+ Datasheet
433Kb / 1P
   Directional Coupler
More results

Similar Description - DBTC-6-4-75L

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
   DIRECTIONAL COUPLERS
logo
Anaren Microwave
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
   Directional Couplers
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
   Directional Couplers
10013-10 ANAREN-10013-10 Datasheet
134Kb / 3P
   Directional Couplers
logo
List of Unclassifed Man...
S25B880N3 ETC1-S25B880N3 Datasheet
623Kb / 2P
   Directional Couplers
logo
Anaren Microwave
10615-10 ANAREN-10615-10_14 Datasheet
149Kb / 4P
   Directional Couplers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com