Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJM2730 Datasheet(PDF) 1 Page - New Japan Radio

Part No. NJM2730
Description  Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NJRC [New Japan Radio]
Homepage  http://www.njr.co.jp/index_e.htm
Logo 

NJM2730 Datasheet(HTML) 1 Page - New Japan Radio

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
NJM2730
Low Supply Voltage Single Operational Amplifier
with Full Swing Input and Output
s GENERAL DESCRIPTION
s PACKAGE OUTLINE
NJM2730 is a single supply single operational amplifier with
full swing input and output, operates from 1.8V.
Input and Output Full Swing provides wide dynamic range,
is from ground to power supply level. In addition to ground
sensing applications, NJM2730 enable to be applied to
Hi-side sensing applications.
The features are low noise and high phase margin for
battery management, portable audio applications, and others.
Furthermore NJM2730 is packaged with small size package
MTP-5.
s FEATURES
q Single Supply
q Operating Voltage
1.8 to 5.0V
q Input Full-Swing
VICM= 0 to 5.0V at V
+=5V
q Output Full-Swing
VOH
≥ 4.9V/ V
OL
≤ 0.1V at V+=5V,R
L=20k
q Load Drivability
VOH
≥ 4.75V/ V
OL
≤ 0.25V at V+=5V,R
L=2k
q Offset Voltage
5mV max
q Slew Rate
0.4V/µs typ.
q Low Input Voltage Noise
10nV/
√Hz typ.
q Adequate phase margin
Φ
M=75deg. typ. at RL=2k
Ω, voltage follower
q Bipolar Technology
q Package Outline
MTP5
s PIN CONFIGURATION
(Top View)
IN+
GND
IN-
V
+
OUT
1
2
3
4
5
NJM2730F


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn