Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJM2730 Datasheet(PDF) 6 Page - New Japan Radio

Part No. NJM2730
Description  Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NJRC [New Japan Radio]
Homepage  http://www.njr.co.jp/index_e.htm
Logo 

NJM2730 Datasheet(HTML) 6 Page - New Japan Radio

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
NJM2730
Common Mode Rejection Ratio vs. Temperature
40
40
40
40
45
45
45
45
50
50
50
50
55
55
55
55
60
60
60
60
65
65
65
65
70
70
70
70
75
75
75
75
80
80
80
80
-50
-50
-50
-50
-25
-25
-25
-25
0
00
025
25
25
25
50
50
50
50
75
75
75
75
100
100
100
100
125
125
125
125
Temperature [℃
℃]
V
V
V
V
+
++
+=1.8V
=1.8V
=1.8V
=1.8V
5V
5V
5V
5V
V
V
V
Vinininin=V
=V
=V
=V
+
++
+,V
,V
,V
,V
+
++
+ /2,GND
/2,GND
/2,GND
/2,GND
Supply Voltage Rejection Ratio vs. Temperature
50
50
50
50
55
55
55
55
60
60
60
60
65
65
65
65
70
70
70
70
75
75
75
75
80
80
80
80
85
85
85
85
90
90
90
90
-50
-50
-50
-50
-25
-25
-25
-25
0
00
025
25
25
25
50
50
50
50
75
75
75
75
100
100
100
100
125
125
125
125
Temperature [℃
℃]
V
V
V
V
+
++
+=5 to 1.8V
=5 to 1.8V
=5 to 1.8V
=5 to 1.8V
V.F.Peak vs.Frequency
-10
-10
-10
-10
-8
-8
-8
-8
-6
-6
-6
-6
-4
-4
-4
-4
-2
-2
-2
-2
0
00
0
2
22
2
4
44
4
6
66
6
8
88
8
10
10
10
10
10000
10000
10000
10000
100000
100000
100000
100000
1000000
1000000
1000000
1000000
10000000
10000000
10000000
10000000
Frequency [Hz]
V
V
V
V
+
++
+=5V,G
=5V,G
=5V,G
=5V,Gvvvv=0dB,R
=0dB,R
=0dB,R
=0dB,RLLLL=2k
=2k
=2k
=2k,Ta=25℃
,Ta=25℃
,Ta=25℃
,Ta=25℃
10k
10k
10k
10k
100k
100k
100k
100k
1M
1M
1M
1M
10M
10M
10M
10M
C
C
C
CLLLL=0pF
=0pF
=0pF
=0pF
220pF
220pF
220pF
220pF
470pF
470pF
470pF
470pF
1000pF
1000pF
1000pF
1000pF
2200pF
2200pF
2200pF
2200pF
(Load C.)
V.F.Peak vs.Frequency
V.F.Peak vs.Frequency
V.F.Peak vs.Frequency
V.F.Peak vs.Frequency
-10
-10
-10
-10
-8
-8
-8
-8
-6
-6
-6
-6
-4
-4
-4
-4
-2
-2
-2
-2
0
00
0
2
22
2
4
44
4
6
66
6
8
88
8
10
10
10
10
10000
10000
10000
10000
100000
100000
100000
100000
1000000
1000000
1000000
1000000
10000000
10000000
10000000
10000000
Frequency [Hz]
V
V
V
V
+
++
+=5V,G
=5V,G
=5V,G
=5V,Gvvvv=0dB,R
=0dB,R
=0dB,R
=0dB,RLLLL=2k
=2k
=2k
=2k,,,,C
C
C
CLLLL=1nF
=1nF
=1nF
=1nF
10k
10k
10k
10k
100k
100k
100k
100k
1M
1M
1M
1M
10M
10M
10M
10M
T
T
T
Taaaa=-40℃
=-40℃
=-40℃
=-40℃
85℃
85℃
85℃
85℃
25℃
25℃
25℃
25℃
(Temp.)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn