Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJM2730 Datasheet(PDF) 5 Page - New Japan Radio

Part No. NJM2730
Description  Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NJRC [New Japan Radio]
Homepage  http://www.njr.co.jp/index_e.htm
Logo 

NJM2730 Datasheet(HTML) 5 Page - New Japan Radio

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
NJM2730
Voltage Gain,Phase vs. Frequency
-60
-60
-60
-60
-40
-40
-40
-40
-20
-20
-20
-20
0
00
0
20
20
20
20
40
40
40
40
60
60
60
60
100
100
100
100
1000
1000
1000
1000
10000
10000
10000
10000 100000
100000
100000
100000 1E+06
1E+06
1E+06
1E+06 1E+07
1E+07
1E+07
1E+07 1E+08
1E+08
1E+08
1E+08
Frequency [Hz]
-180
-180
-180
-180
-120
-120
-120
-120
-60
-60
-60
-60
0
00
0
60
60
60
60
120
120
120
120
180
180
180
180
Voltage Gain
Phase
V
V
V
V
+
++
+=5V,G
=5V,G
=5V,G
=5V,Gvvvv=40dB,R
=40dB,R
=40dB,R
=40dB,Rffff=2k,R
=2k,R
=2k,R
=2k,Rgggg=20,C
=20,C
=20,C
=20,CLLLL=0
=0
=0
=0
100
100
100
100 1k
1k
1k
1k
10k
10k
10k
10k
100k
100k
100k
100k 1M
1M
1M
1M
10M
10M
10M
10M 100M
100M
100M
100M
(Temp.)
Ta=-40℃
Ta=-40℃
Ta=-40℃
Ta=-40℃
Ta=-40℃
Ta=-40℃
Ta=-40℃
Ta=-40℃
25℃
25℃
25℃
25℃
25℃
25℃
25℃
25℃
85℃
85℃
85℃
85℃
85℃
85℃
85℃
85℃
Equivalent Input Noise Voltage vs. Frequency
0
00
0
5
55
5
10
10
10
10
15
15
15
15
20
20
20
20
25
25
25
25
30
30
30
30
1
11
110
10
10
10
100
100
100
100
1000
1000
1000
1000
10000
10000
10000
10000
Frequency [Hz]
V
V
V
V
+
++
+/V
/V
/V
/V
-
--
-=±2.5V,G
=±2.5V,G
=±2.5V,G
=±2.5V,GVVVV=40dB,R
=40dB,R
=40dB,R
=40dB,RSSSS=100,R
=100,R
=100,R
=100,RGGGG=100,R
=100,R
=100,R
=100,RFFFF=10k,T
=10k,T
=10k,T
=10k,Taaaa=25℃
=25℃
=25℃
=25℃
Output Voltage vs. Operating Voltage
-3
-3
-3
-3
-2
-2
-2
-2
-1
-1
-1
-1
0
00
0
1
11
1
2
22
2
3
33
3
0.0
0.0
0.0
0.0
0.5
0.5
0.5
0.5
1.0
1.0
1.0
1.0
1.5
1.5
1.5
1.5
2.0
2.0
2.0
2.0
2.5
2.5
2.5
2.5
Operating Voltage(V
+/V-) [V]
G
G
G
GVVVV=OPEN,
=OPEN,
=OPEN,
=OPEN,R
R
R
RLLLL=2k,
=2k,
=2k,
=2k,Ta=25℃
Ta=25℃
Ta=25℃
Ta=25℃
Output Voltage vs. Load Resistance
-2.5
-2.5
-2.5
-2.5
-2.0
-2.0
-2.0
-2.0
-1.5
-1.5
-1.5
-1.5
-1.0
-1.0
-1.0
-1.0
-0.5
-0.5
-0.5
-0.5
0.0
0.0
0.0
0.0
0.5
0.5
0.5
0.5
1.0
1.0
1.0
1.0
1.5
1.5
1.5
1.5
2.0
2.0
2.0
2.0
2.5
2.5
2.5
2.5
10
10
10
10
100
100
100
100
1000
1000
1000
1000
10000
10000
10000
10000
100000
100000
100000
100000
Load Resistance
G
G
G
GVVVV=OPEN,Ta=25℃
=OPEN,Ta=25℃
=OPEN,Ta=25℃
=OPEN,Ta=25℃
V
V
V
V
+
++
+ /V
/V
/V
/V
-
--
-=±2.5V
=±2.5V
=±2.5V
=±2.5V
±1.5V
±1.5V
±1.5V
±1.5V
±0.9V
±0.9V
±0.9V
±0.9V
(V
+/V-)
[
Ω]
Output Voltage vs. Load Resistance
0.0
0.0
0.0
0.0
0.5
0.5
0.5
0.5
1.0
1.0
1.0
1.0
1.5
1.5
1.5
1.5
2.0
2.0
2.0
2.0
2.5
2.5
2.5
2.5
3.0
3.0
3.0
3.0
3.5
3.5
3.5
3.5
4.0
4.0
4.0
4.0
4.5
4.5
4.5
4.5
5.0
5.0
5.0
5.0
10
10
10
10
100
100
100
100
1000
1000
1000
1000
10000
10000
10000
10000
100000
100000
100000
100000
Load Resistance
V
V
V
V
+
++
+=5V,G
=5V,G
=5V,G
=5V,GVVVV=OPEN
=OPEN
=OPEN
=OPEN
Ta=-40℃
Ta=-40℃
Ta=-40℃
Ta=-40℃
25℃
25℃
25℃
25℃
85℃
85℃
85℃
85℃
(Temp.)
[
Ω]
Equivalent Input Noise Voltage vs. Input Resistance
0
00
0
10
10
10
10
20
20
20
20
30
30
30
30
40
40
40
40
50
50
50
50
60
60
60
60
10
10
10
10
100
100
100
100
1000
1000
1000
1000
10000
10000
10000
10000
100000
100000
100000
100000
Input Resistance
V
V
V
V
+
++
+/V
/V
/V
/V
-
--
- =±2.5V,f=1kHz,G
=±2.5V,f=1kHz,G
=±2.5V,f=1kHz,G
=±2.5V,f=1kHz,GVVVV=40dB,R
=40dB,R
=40dB,R
=40dB,RGGGG=100,R
=100,R
=100,R
=100,RFFFF=10k,T
=10k,T
=10k,T
=10k,Taaaa=25℃
=25℃
=25℃
=25℃
[
Ω]


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn