Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJM2730 Datasheet(PDF) 2 Page - New Japan Radio

Part No. NJM2730
Description  Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NJRC [New Japan Radio]
Homepage  http://www.njr.co.jp/index_e.htm
Logo 

NJM2730 Datasheet(HTML) 2 Page - New Japan Radio

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
NJM2730
s ABSOLUTE MAXIMUM RATINGS
(Ta=25°C)
(Note1)
If the supply voltage ( V
+) is less than 7V,
the input voltage must not over the V
+ level
through 7V is limit specified.
s RECOMMENDED OPERATING CONDITION
(Ta=25°C)
s ELECTRICAL CHARACTERISTICS
q DC CHARACTERISTICS
(V
+=5V,Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Operating Current
I CC
NoSignal
-
320
550
µA
Input Offset Voltage
VIO
-
1
5
mV
Input Bias Current
I B
-
50
250
nA
Input Offset Current
I IO
-
5
100
nA
Voltage Gain
A V
RL=2k
60
85
-
dB
Common Mode Rejection Ratio
C M R
CMR+:2.5V
≤V
CM
≤5.0V,
CMR-: 0
≤V
CM
≤2.5V(Note2)
55
70
-
dB
Supply Voltage Rejection Ratio
S V R
70
85
-
dB
V OH1
RL=20k
4.9
4.95
-
Maximum Output Voltage1
V OL1
RL=20k
-
0.05
0.1
V
V OH2
RL=2k
4.75
4.85
-
Maximum Output Voltage 2
V OL2
RL=2k
-
0.15
0.25
V
Input Common Mode Voltage Range
V ICM
CMR>55dB
0
-
5
V
(Note2) CMR is represented by either CMR+ or CMR- which has lower value.
CMR+ is measured with 2.5V
≤V
CM
≤5V and CMR- is measured with 0V≤ V
CM
≤ 2.5V .
q AC CHARACTERISTICS
(V
+=5V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Unity Gain Bandwidth
fT
RL=2k
-
1
-
MHz
Phase Margin
Φ
M
RL=2k
-
75
-
Deg
Equivalent Input Noise Voltage
VNI
f=1kHz
-
10
-
nV/
√Hz
q TRANSIENT CHARACTERISTICS
(V
+=5V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Slew Rate
SR
RL=2k
-
0.4
-
V/µs
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
7.0
V
Differential Input Voltage
VID
±1.0
V
Input
Common
Mode
Voltage
Range
VICM
0 to 7.0
V
Power Dissipation
PD
200
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +125
°C
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+
1.8 to 5.0
V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn