Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIS3001QPT1 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NIS3001QPT1
Description  Integrated Driver and MOSFET Power Chip for Synchronous Buck Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS3001QPT1 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NIS3001QPT1 Datasheet HTML 7Page - ON Semiconductor NIS3001QPT1 Datasheet HTML 8Page - ON Semiconductor NIS3001QPT1 Datasheet HTML 9Page - ON Semiconductor NIS3001QPT1 Datasheet HTML 10Page - ON Semiconductor NIS3001QPT1 Datasheet HTML 11Page - ON Semiconductor NIS3001QPT1 Datasheet HTML 12Page - ON Semiconductor NIS3001QPT1 Datasheet HTML 13Page - ON Semiconductor NIS3001QPT1 Datasheet HTML 14Page - ON Semiconductor NIS3001QPT1 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NIS3001
http://onsemi.com
11
3 Phase Voltage Regulator (VRD) Recommended Bill of Materials
Item
Quantity
Reference
Value
Size
Rating
Vendor
Part Number
Vendor
Part Number
1
10
C1,C2,C3,C4,C5,C6,C7,
C9,C10
10nF
SM C0603
50V
muRata
GRM188R71H103KA01L
TDK
C1608X7R1H103K
2
10
C1B5,C1B6,C1B7,C2B12
C2B13,C2B14,
C2B15,C3B9,C3B10,
C3B11
560
mF
Size E, 8 x 10.5mm
3.5mm, 0.60mm
4V
SANYO
OS−CON
SEPC Series
4SEPC560M(E13)
;+/−20% (M)
3
40
C2D1,C2C1,C2D2,C2C2,
C2D3,C2C3,
C2D4,C2C4,C2D5,C2C5,
C2D6,C2C6,
C2D7,C2C7,C2D8,C2C8,
C2D9,C2C9,
C2D10,C2C10,C2D11,
C2C11,C2D12,
C2C12,C2C13,C2C14,
C2C15,C2C16,
C2C17,C2C18,C2C19,
C2C20,C2C21,
C2C22,C2C23,C2C24,
C2C25,C2C26,
C2C27,C2C28
10
mF
SM 1206
6.3V
muRata
GRM31CR70J106KA01L
TDK
C3216X5R0J106M
4
6
C46,C47,C56,C57,C61,
C62
1
mF
SM C0805
16V
muRata
GRM21B71C105KA01L
TDK
C2012X7R1C105K
5
6
C49,C50,C59,C60,C64,
C65
10
mF
SM C1210
16V
muRata
GRM31CR61C106KC31L
TDK
C3225X7R1C106KT
6
3
C48,C58,C63
10nF
SMC0603
16V
muRata
GRM188R71H103KA01L
TDK
C1608X7R1H103K
7
4
C4A1,C3A3,C2A2,C1A2
1800
mF
23X10 mm/5.5 mm
16V
Rubycon
16 MBZ 1800 M 10X23
8
3
D42,D44,D45
Schottky
SOT−23
30V/
0.2A
ON Semiconductor
BAT54LT1
9
3
L2,L4,L5
280nH
18.0 x 8.12
30Adc
Coiltronics,
Incorporated
10
1
L5C1
275nH
10.16 x 8.12
16Adc
Coiltronics,
Incorporated
CTX15−14771
11
2
R2,R1
6.65K
R0805
“1%,
1/8 W”
VISHAY
CRCW08056651FRT1
12
2
R3,R7
10 _
R0805
“10%,
1/8W”
VISHAY
CRCW0805100JT1
13
1
R9
2.10K
R0805
“1 %,
1/8W”
VISHAY
CRCW08052101FRT1
14
1
R10
15K
R0805
“10%,
1/8W”
VISHAY
CRCW0805153JT1
15
1
R11
20 K
R0805
“10%,
1/8W”
VISHAY
CRCW0805203JT1
16
1
R12
2.00 K
R0805
“10%,
1/8W”
VISHAY
CRCW0805202JT1
17
1
R13
15K@
T=25
°C
R0805
200mW
muRata NTC
Thermistor
NCP21XW153J03RA
TDK
NTCG203NH153JT
18
1
R22
0_
R0805
“10%,
1/8W”
VISHAY
CRCW0805R00JT1
19
1
R15
1K
R0805
“10%,
1/8 W”
VISHAY
CRCW0805102JT1
20
2
R16,R61
0_
R0805
“10%,
1/8W”
VISHAY
CRCW0805R00JT1
21
3
R17,R19,R20
18.2K
R0805
“1%,
1/8 W”
VISHAY
CRCW08051822FT1
22
1
R21
63.4K
R0805
“1%,
1/8 W”
VISHAY
CRCW08056342FT1
23
7
R24,R25,R26,R27,R28,
R29,R30
1.5K
R0805
“10%,
1/8W”
VISHAY
CRCW0805152JT1
24
6
R44,R45,R50,R51,R53,
R54,
2.2_
R0805
“10%,
1/8W”
VISHAY
CRCW08052R2JT1
R61 is used to connect the NIS3001 Vs pin to 5V supply only. If different voltage is required items 29 thru 33 are needed.


Similar Part No. - NIS3001QPT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS3071 ONSEMI-NIS3071 Datasheet
2Mb / 13P
   eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. P7
NIS3071 ONSEMI-NIS3071 Datasheet
2Mb / 13P
   eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. 0
NIS3071MT3TWG ONSEMI-NIS3071MT3TWG Datasheet
2Mb / 13P
   eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. P7
NIS3071MT3TWG ONSEMI-NIS3071MT3TWG Datasheet
2Mb / 13P
   eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. 0
NIS3071MT4TWG ONSEMI-NIS3071MT4TWG Datasheet
2Mb / 13P
   eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. P7
More results

Similar Description - NIS3001QPT1

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7058 ANPEC-APW7058 Datasheet
174Kb / 13P
   Synchronous Buck PWM and Linear Controllers
logo
Microchip Technology
MCP14628 MICROCHIP-MCP14628 Datasheet
435Kb / 24P
   2A Synchronous Buck Power MOSFET Driver
2008
logo
IXYS Corporation
IXS839 IXYS-IXS839 Datasheet
318Kb / 11P
   Synchronous Buck MOSFET Driver
logo
ON Semiconductor
NCP81158 ONSEMI-NCP81158 Datasheet
83Kb / 8P
   Synchronous Buck MOSFET Driver
August, 2016 ??Rev. 0
NCP81258 ONSEMI-NCP81258 Datasheet
89Kb / 9P
   Synchronous Buck MOSFET Driver
June, 2017 ??Rev. P0
NCP81158D ONSEMI-NCP81158D Datasheet
81Kb / 8P
   Synchronous Buck MOSFET Driver
April, 2017 ??Rev. 1
NCP5351 ONSEMI-NCP5351 Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
NCP5355 ONSEMI-NCP5355 Datasheet
102Kb / 12P
   12 V Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 6
NCP5351DR2G ONSEMI-NCP5351DR2G Datasheet
225Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
February, 2010 ??Rev. 13
logo
Richtek Technology Corp...
RT9612A RICHTEK-RT9612A Datasheet
213Kb / 15P
   Synchronous-Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com