Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K11P121M50SF4V2 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # K11P121M50SF4V2
Description  Kinetis K11D Sub-Family
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K11P121M50SF4V2 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button K11P121M50SF4V2 Datasheet HTML 45Page - NXP Semiconductors K11P121M50SF4V2 Datasheet HTML 46Page - NXP Semiconductors K11P121M50SF4V2 Datasheet HTML 47Page - NXP Semiconductors K11P121M50SF4V2 Datasheet HTML 48Page - NXP Semiconductors K11P121M50SF4V2 Datasheet HTML 49Page - NXP Semiconductors K11P121M50SF4V2 Datasheet HTML 50Page - NXP Semiconductors K11P121M50SF4V2 Datasheet HTML 51Page - NXP Semiconductors K11P121M50SF4V2 Datasheet HTML 52Page - NXP Semiconductors K11P121M50SF4V2 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
Table 39. I2S/SAI master mode timing in VLPR, VLPW, and VLPS modes (full voltage range)
(continued)
Num.
Characteristic
Min.
Max.
Unit
S9
I2S_RXD/I2S_RX_FS input setup before
I2S_RX_BCLK
75
ns
S10
I2S_RXD/I2S_RX_FS input hold after I2S_RX_BCLK 0
ns
S1
S2
S2
S3
S4
S4
S5
S9
S7
S9
S10
S7
S8
S6
S10
S8
I2S_MCLK (output)
I2S_TX_BCLK/
I2S_RX_BCLK (output)
I2S_TX_FS/
I2S_RX_FS (output)
I2S_TX_FS/
I2S_RX_FS (input)
I2S_TXD
I2S_RXD
Figure 23. I2S/SAI timing — master modes
Table 40. I2S/SAI slave mode timing in VLPR, VLPW, and VLPS modes (full
voltage range)
Num.
Characteristic
Min.
Max.
Unit
Operating voltage
1.71
3.6
V
S11
I2S_TX_BCLK/I2S_RX_BCLK cycle time (input)
250
ns
S12
I2S_TX_BCLK/I2S_RX_BCLK pulse width high/low
(input)
45%
55%
MCLK period
S13
I2S_TX_FS/I2S_RX_FS input setup before
I2S_TX_BCLK/I2S_RX_BCLK
30
ns
S14
I2S_TX_FS/I2S_RX_FS input hold after
I2S_TX_BCLK/I2S_RX_BCLK
2
ns
S15
I2S_TX_BCLK to I2S_TXD/I2S_TX_FS output valid
87
ns
S16
I2S_TX_BCLK to I2S_TXD/I2S_TX_FS output
invalid
0
ns
S17
I2S_RXD setup before I2S_RX_BCLK
30
ns
S18
I2S_RXD hold after I2S_RX_BCLK
2
ns
S19
I2S_TX_FS input assertion to I2S_TXD output valid1 —
72
ns
1. Applies to first bit in each frame and only if the TCR4[FSE] bit is clear
I2S switching specifications
Kinetis K11D Sub-Family Data Sheet, Rev6, 04/2014.
49
Freescale Semiconductor, Inc.


Similar Part No. - K11P121M50SF4V2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K11P121M50SF4 FREESCALE-K11P121M50SF4 Datasheet
1Mb / 59P
   K11 Sub-Family Data Sheet
logo
NXP Semiconductors
K11P121M50SF4 NXP-K11P121M50SF4 Datasheet
1Mb / 60P
   K11 Sub-Family
Rev. 4, 08/2013
More results

Similar Description - K11P121M50SF4V2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K11P80M50SF4V2 NXP-K11P80M50SF4V2 Datasheet
1Mb / 60P
   Kinetis K11D Sub-Family
Rev 6, 04/2014
K66P144M180SF5V2 NXP-K66P144M180SF5V2 Datasheet
1Mb / 91P
   Kinetis K66 Sub-Family
Rev. 4, 04/2017
K80P121M150SF5 NXP-K80P121M150SF5 Datasheet
1Mb / 95P
   Kinetis K80 Sub-Family
Revision 5, 11/2016
KL26P64M48SF5 NXP-KL26P64M48SF5 Datasheet
1Mb / 61P
   Kinetis KL26 Sub-Family
Rev 5 08/2014
KL36P121M48SF4 NXP-KL36P121M48SF4 Datasheet
1Mb / 64P
   Kinetis KL36 Sub-Family
Rev 5 08/2014
K21P121M120SF5 NXP-K21P121M120SF5 Datasheet
1Mb / 76P
   Kinetis K21F Sub-Family
Rev 4, 11/2014
K24P142M120SF5 NXP-K24P142M120SF5 Datasheet
1Mb / 75P
   Kinetis K24 Sub-Family
Rev. 7, 10/2016
K21P121M50SF4V2 NXP-K21P121M50SF4V2 Datasheet
1Mb / 66P
   Kinetis K21D Sub-Family
Rev 6, 04/2014
K22P64M120SF5 NXP-K22P64M120SF5 Datasheet
1Mb / 72P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P80M120SF5 NXP-K22P80M120SF5 Datasheet
1Mb / 74P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com