Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K11P121M50SF4V2 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # K11P121M50SF4V2
Description  Kinetis K11D Sub-Family
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K11P121M50SF4V2 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button K11P121M50SF4V2 Datasheet HTML 40Page - NXP Semiconductors K11P121M50SF4V2 Datasheet HTML 41Page - NXP Semiconductors K11P121M50SF4V2 Datasheet HTML 42Page - NXP Semiconductors K11P121M50SF4V2 Datasheet HTML 43Page - NXP Semiconductors K11P121M50SF4V2 Datasheet HTML 44Page - NXP Semiconductors K11P121M50SF4V2 Datasheet HTML 45Page - NXP Semiconductors K11P121M50SF4V2 Datasheet HTML 46Page - NXP Semiconductors K11P121M50SF4V2 Datasheet HTML 47Page - NXP Semiconductors K11P121M50SF4V2 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
Table 34. Slave mode DSPI timing (limited voltage range) (continued)
Num
Description
Min.
Max.
Unit
DS9
DSPI_SCK input cycle time
4 x tBUS
ns
DS10
DSPI_SCK input high/low time
(tSCK/2) − 2
(tSCK/2) + 2
ns
DS11
DSPI_SCK to DSPI_SOUT valid
10
ns
DS12
DSPI_SCK to DSPI_SOUT invalid
0
ns
DS13
DSPI_SIN to DSPI_SCK input setup
2
ns
DS14
DSPI_SCK to DSPI_SIN input hold
7
ns
DS15
DSPI_SS active to DSPI_SOUT driven
14
ns
DS16
DSPI_SS inactive to DSPI_SOUT not driven
14
ns
First data
Last data
First data
Data
Last data
Data
DS15
DS10
DS9
DS16
DS11
DS12
DS14
DS13
DSPI_SS
DSPI_SCK
(CPOL=0)
DSPI_SOUT
DSPI_SIN
Figure 18. DSPI classic SPI timing — slave mode
3.8.2 DSPI switching specifications (full voltage range)
The DMA Serial Peripheral Interface (DSPI) provides a synchronous serial bus with
master and slave operations. Many of the transfer attributes are programmable. The
tables below provides DSPI timing characteristics for classic SPI timing modes. Refer
to the DSPI chapter of the Reference Manual for information on the modified transfer
formats used for communicating with slower peripheral devices.
Table 35. Master mode DSPI timing (full voltage range)
Num
Description
Min.
Max.
Unit
Notes
Operating voltage
1.71
3.6
V
1
Frequency of operation
12.5
MHz
DS1
DSPI_SCK output cycle time
4 x tBUS
ns
DS2
DSPI_SCK output high/low time
(tSCK/2) - 4
(tSCK/2) + 4
ns
Table continues on the next page...
Peripheral operating requirements and behaviors
44
Kinetis K11D Sub-Family Data Sheet, Rev6, 04/2014.
Freescale Semiconductor, Inc.


Similar Part No. - K11P121M50SF4V2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K11P121M50SF4 FREESCALE-K11P121M50SF4 Datasheet
1Mb / 59P
   K11 Sub-Family Data Sheet
logo
NXP Semiconductors
K11P121M50SF4 NXP-K11P121M50SF4 Datasheet
1Mb / 60P
   K11 Sub-Family
Rev. 4, 08/2013
More results

Similar Description - K11P121M50SF4V2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K11P80M50SF4V2 NXP-K11P80M50SF4V2 Datasheet
1Mb / 60P
   Kinetis K11D Sub-Family
Rev 6, 04/2014
K66P144M180SF5V2 NXP-K66P144M180SF5V2 Datasheet
1Mb / 91P
   Kinetis K66 Sub-Family
Rev. 4, 04/2017
K80P121M150SF5 NXP-K80P121M150SF5 Datasheet
1Mb / 95P
   Kinetis K80 Sub-Family
Revision 5, 11/2016
KL26P64M48SF5 NXP-KL26P64M48SF5 Datasheet
1Mb / 61P
   Kinetis KL26 Sub-Family
Rev 5 08/2014
KL36P121M48SF4 NXP-KL36P121M48SF4 Datasheet
1Mb / 64P
   Kinetis KL36 Sub-Family
Rev 5 08/2014
K21P121M120SF5 NXP-K21P121M120SF5 Datasheet
1Mb / 76P
   Kinetis K21F Sub-Family
Rev 4, 11/2014
K24P142M120SF5 NXP-K24P142M120SF5 Datasheet
1Mb / 75P
   Kinetis K24 Sub-Family
Rev. 7, 10/2016
K21P121M50SF4V2 NXP-K21P121M50SF4V2 Datasheet
1Mb / 66P
   Kinetis K21D Sub-Family
Rev 6, 04/2014
K22P64M120SF5 NXP-K22P64M120SF5 Datasheet
1Mb / 72P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P80M120SF5 NXP-K22P80M120SF5 Datasheet
1Mb / 74P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com