Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K11P80M50SF4V2 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # K11P80M50SF4V2
Description  Kinetis K11D Sub-Family
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K11P80M50SF4V2 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button K11P80M50SF4V2 Datasheet HTML 24Page - NXP Semiconductors K11P80M50SF4V2 Datasheet HTML 25Page - NXP Semiconductors K11P80M50SF4V2 Datasheet HTML 26Page - NXP Semiconductors K11P80M50SF4V2 Datasheet HTML 27Page - NXP Semiconductors K11P80M50SF4V2 Datasheet HTML 28Page - NXP Semiconductors K11P80M50SF4V2 Datasheet HTML 29Page - NXP Semiconductors K11P80M50SF4V2 Datasheet HTML 30Page - NXP Semiconductors K11P80M50SF4V2 Datasheet HTML 31Page - NXP Semiconductors K11P80M50SF4V2 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
1. Maximum time based on expectations at cycling end-of-life.
3.4.1.2 Flash timing specifications — commands
Table 20. Flash command timing specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
trd1blk64k
trd1blk256k
Read 1s Block execution time
• 64 KB data flash
• 256 KB program flash
0.9
1.7
ms
ms
trd1sec2k
Read 1s Section execution time (flash sector)
60
μs
1
tpgmchk
Program Check execution time
45
μs
1
trdrsrc
Read Resource execution time
30
μs
1
tpgm4
Program Longword execution time
65
145
μs
tersblk64k
tersblk256k
Erase Flash Block execution time
• 64 KB data flash
• 256 KB program flash
58
122
580
985
ms
ms
2
tersscr
Erase Flash Sector execution time
14
114
ms
2
tpgmsec512
tpgmsec1k
tpgmsec2k
Program Section execution time
• 512 bytes flash
• 1 KB flash
• 2 KB flash
2.4
4.7
9.3
ms
ms
ms
trd1all
Read 1s All Blocks execution time
1.8
ms
trdonce
Read Once execution time
25
μs
1
tpgmonce
Program Once execution time
65
μs
tersall
Erase All Blocks execution time
250
2000
ms
2
tvfykey
Verify Backdoor Access Key execution time
30
μs
1
tswapx01
tswapx02
tswapx04
tswapx08
Swap Control execution time
• control code 0x01
• control code 0x02
• control code 0x04
• control code 0x08
200
70
70
150
150
30
μs
μs
μs
μs
tpgmpart64k
Program Partition for EEPROM execution time
• 64 KB FlexNVM
138
ms
tsetramff
tsetram32k
tsetram64k
Set FlexRAM Function execution time:
• Control Code 0xFF
• 32 KB EEPROM backup
• 64 KB EEPROM backup
70
0.8
1.3
1.2
1.9
μs
ms
ms
Byte-write to FlexRAM for EEPROM operation
Table continues on the next page...
Peripheral operating requirements and behaviors
28
Kinetis K11D Sub-Family Data Sheet, Rev6, 04/2014.
Freescale Semiconductor, Inc.


Similar Part No. - K11P80M50SF4V2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K11P80M50SF4 FREESCALE-K11P80M50SF4 Datasheet
1Mb / 54P
   K11 Sub-Family Data Sheet
logo
NXP Semiconductors
K11P80M50SF4 NXP-K11P80M50SF4 Datasheet
1Mb / 55P
   K11 Sub-Family
Rev. 4.1, 08/2013
More results

Similar Description - K11P80M50SF4V2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K11P121M50SF4V2 NXP-K11P121M50SF4V2 Datasheet
1Mb / 65P
   Kinetis K11D Sub-Family
Rev 6, 04/2014
K66P144M180SF5V2 NXP-K66P144M180SF5V2 Datasheet
1Mb / 91P
   Kinetis K66 Sub-Family
Rev. 4, 04/2017
K80P121M150SF5 NXP-K80P121M150SF5 Datasheet
1Mb / 95P
   Kinetis K80 Sub-Family
Revision 5, 11/2016
KL26P64M48SF5 NXP-KL26P64M48SF5 Datasheet
1Mb / 61P
   Kinetis KL26 Sub-Family
Rev 5 08/2014
KL36P121M48SF4 NXP-KL36P121M48SF4 Datasheet
1Mb / 64P
   Kinetis KL36 Sub-Family
Rev 5 08/2014
K21P121M120SF5 NXP-K21P121M120SF5 Datasheet
1Mb / 76P
   Kinetis K21F Sub-Family
Rev 4, 11/2014
K24P142M120SF5 NXP-K24P142M120SF5 Datasheet
1Mb / 75P
   Kinetis K24 Sub-Family
Rev. 7, 10/2016
K21P121M50SF4V2 NXP-K21P121M50SF4V2 Datasheet
1Mb / 66P
   Kinetis K21D Sub-Family
Rev 6, 04/2014
K22P64M120SF5 NXP-K22P64M120SF5 Datasheet
1Mb / 72P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P80M120SF5 NXP-K22P80M120SF5 Datasheet
1Mb / 74P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com