Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5569 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE5569
Description  Silicon Controlled Rectifier (SCR) for Phase Control Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5569 Datasheet(HTML) 3 Page - NTE Electronics

  NTE5569 Datasheet HTML 1Page - NTE Electronics NTE5569 Datasheet HTML 2Page - NTE Electronics NTE5569 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
.667
(16.95)
Dia Max
.675 (17.15)
Across Flats
Anode
1/4–28 UNF–2A
Cathode
.136 (3.47) Dia
Gate
.067 (1.72) Dia
.250 (6.35)
.120 (3.04)
.200 (5.08)
Max
.450
(11.43)
Max
.565
(14.37)
Max
1.218
(30.94)
Max
.875
(22.22)
Max


Similar Part No. - NTE5569

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5562 NTE-NTE5562 Datasheet
21Kb / 2P
   Silicon Controlled Rectifiers (SCR?셲)
NTE5564 NTE-NTE5564 Datasheet
21Kb / 2P
   Silicon Controlled Rectifiers (SCR?셲)
NTE5566 NTE-NTE5566 Datasheet
21Kb / 2P
   Silicon Controlled Rectifiers (SCR?셲)
More results

Similar Description - NTE5569

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5570 NTE-NTE5570 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier for Phase Control Applications
NTE5587 NTE-NTE5587 Datasheet
24Kb / 2P
   Silicon Controlled Rectifier for Phase Control Applications
NTE5580 NTE-NTE5580 Datasheet
23Kb / 2P
   Silicon Controlled Rectifier for Phase Control Applications
NTE5586 NTE-NTE5586 Datasheet
23Kb / 2P
   Silicon Controlled Rectifier for Phase Control Applications
NTE5584 NTE-NTE5584 Datasheet
69Kb / 2P
   Silicon Controlled Rectifier for Phase Control Applications
NTE5514 NTE-NTE5514 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR)
NTE5492 NTE-NTE5492 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR)
NTE5460 NTE-NTE5460 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR)
NTE5517 NTE-NTE5517 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR)
NTE5536 NTE-NTE5536 Datasheet
20Kb / 2P
   Silicon Controlled Rectifier (SCR)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com