Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK10DX64VFT5 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MK10DX64VFT5
Description  K10 Sub-Family
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MK10DX64VFT5 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MK10DX64VFT5 Datasheet HTML 26Page - NXP Semiconductors MK10DX64VFT5 Datasheet HTML 27Page - NXP Semiconductors MK10DX64VFT5 Datasheet HTML 28Page - NXP Semiconductors MK10DX64VFT5 Datasheet HTML 29Page - NXP Semiconductors MK10DX64VFT5 Datasheet HTML 30Page - NXP Semiconductors MK10DX64VFT5 Datasheet HTML 31Page - NXP Semiconductors MK10DX64VFT5 Datasheet HTML 32Page - NXP Semiconductors MK10DX64VFT5 Datasheet HTML 33Page - NXP Semiconductors MK10DX64VFT5 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
Table 16. 32kHz oscillator DC electrical specifications (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Cpara
Parasitical capacitance of EXTAL32 and XTAL32
5
7
pF
Vpp1
Peak-to-peak amplitude of oscillation
0.6
V
1. When a crystal is being used with the 32 kHz oscillator, the EXTAL32 and XTAL32 pins should only be connected to
required oscillator components and must not be connected to any other devices.
6.3.3.2 32kHz oscillator frequency specifications
Table 17. 32kHz oscillator frequency specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
fosc_lo
Oscillator crystal
32.768
kHz
tstart
Crystal start-up time
1000
ms
1
fec_extal32 Externally provided input clock frequency
32.768
kHz
2
vec_extal32 Externally provided input clock amplitude
700
VBAT
mV
2, 3
1. Proper PC board layout procedures must be followed to achieve specifications.
2. This specification is for an externally supplied clock driven to EXTAL32 and does not apply to any other clock input. The
oscillator remains enabled and XTAL32 must be left unconnected.
3. The parameter specified is a peak-to-peak value and VIH and VIL specifications do not apply. The voltage of the applied
clock must be within the range of VSS to VBAT.
6.4 Memories and memory interfaces
6.4.1 Flash electrical specifications
This section describes the electrical characteristics of the flash memory module.
6.4.1.1 Flash timing specifications — program and erase
The following specifications represent the amount of time the internal charge pumps are
active and do not include command overhead.
Table 18. NVM program/erase timing specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
thvpgm4
Longword Program high-voltage time
7.5
18
μs
thversscr
Sector Erase high-voltage time
13
113
ms
1
thversblk32k Erase Block high-voltage time for 32 KB
52
452
ms
1
thversblk128k Erase Block high-voltage time for 128 KB
52
452
ms
1
1. Maximum time based on expectations at cycling end-of-life.
Peripheral operating requirements and behaviors
K10 Sub-Family Data Sheet, Rev. 4 5/2012.
30
Freescale Semiconductor, Inc.


Similar Part No. - MK10DX64VFT5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK10DX64VFT5 FREESCALE-MK10DX64VFT5 Datasheet
1Mb / 59P
   K10 Sub-Family
More results

Similar Description - MK10DX64VFT5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K10P32M50SF0 FREESCALE-K10P32M50SF0 Datasheet
1Mb / 57P
   K10 Sub-Family
logo
NXP Semiconductors
K10P144M120SF3 NXP-K10P144M120SF3 Datasheet
1Mb / 80P
   K10 Sub-Family
Rev. 7, 02/2018
K10P81M100SF2 NXP-K10P81M100SF2 Datasheet
2Mb / 71P
   K10 Sub-Family
Rev. 7, 02/2013
logo
Freescale Semiconductor...
K10P121M100SF2V2 FREESCALE-K10P121M100SF2V2 Datasheet
1Mb / 70P
   K10 Sub-Family
K10P48M50SF0 FREESCALE-K10P48M50SF0 Datasheet
1Mb / 59P
   K10 Sub-Family
K10P100M72SF1 FREESCALE-K10P100M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
K10P81M72SF1 FREESCALE-K10P81M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
logo
NXP Semiconductors
K10P100M72SF1 NXP-K10P100M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
Rev. 2, 4/2012
K10P32M50SF0 NXP-K10P32M50SF0 Datasheet
1Mb / 57P
   K10 Sub-Family
Rev. 4 5/2012
K10P100M100SF2V2 NXP-K10P100M100SF2V2 Datasheet
1Mb / 72P
   K10 Sub-Family
Rev. 3, 6/2013
K10P100M100SF2 NXP-K10P100M100SF2 Datasheet
2Mb / 68P
   K10 Sub-Family
Rev. 7, 02/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com