Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3210R Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # 1N3210R
Description  Silicon Standard Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

1N3210R Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  1N3210R Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 1N3210R Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 1N3210R Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 300 V
IF = 15 A
Features
• High Surge Capability
DO-5 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
1N3208 (R) 1N3209 (R)
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
• Types from 50 V to 300 V VRRM
2. Reverse polarity (R): Stud is anode.
1N3208 thru 1N3211R
1N3211 (R)
200
1N3210 (R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified
Silicon Standard
Recovery Diode
Conditions
300
pp
g
RMS reverse voltage
VRMS
35
70
V
DC blocking voltage
VDC
50
100
V
Continuous forward current
IF
15
15
A
Operating temperature
Tj
-55 to 150 -55 to 150
°C
Storage temperature
Tstg
-55 to 150 -55 to 150
°C
Parameter
Symbol
1N3208 (R) 1N3209 (R)
Unit
Diode forward voltage
1.5
1.5
10
10
μA
10
10
mA
Thermal characteristics
Thermal resistance, junction -
case
RthJC
0.65
0.65
°C/W
10
A
297
Reverse current
IR
VF
297
1N3211 (R)
10
10
VR = 50 V, Tj = 25 °C
IF = 15 A, Tj = 25 °C
TC ≤ 150 °C
Conditions
140
297
297
-55 to 150
15
15
-55 to 150
0.65
1.5
1.5
10
IF,SM
1N3210 (R)
0.65
VR = 50 V, Tj = 150 °C
V
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
-55 to 150
-55 to 150
TC = 25 °C, tp = 8.3 ms
210
300
200
Surge non-repetitive forward
current, Half Sine Wave
Feb 2016
Latest version of this datasheet at: www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
1


Similar Part No. - 1N3210R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N3210R IRF-1N3210R Datasheet
93Kb / 4P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
Vishay Siliconix
1N3210R VISHAY-1N3210R Datasheet
80Kb / 4P
   Stud-Mounted Silicon Rectifier Diodes, 15 A
Revision: 24-Jun-08
logo
America Semiconductor, ...
1N3210R AMERICASEMI-1N3210R Datasheet
408Kb / 2P
   DEVICE HIGH POWER STANDARD
logo
GeneSiC Semiconductor, ...
1N3210R GENESIC-1N3210R Datasheet
777Kb / 3P
   Silicon Standard Recovery Diode
More results

Similar Description - 1N3210R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S85JR ETC2-S85JR Datasheet
397Kb / 2P
   Silicon Standard Recovery Diode
logo
GeneSiC Semiconductor, ...
GKN7104 GENESIC-GKN7104 Datasheet
568Kb / 3P
   Silicon Standard Recovery Diode
S16B GENESIC-S16B Datasheet
760Kb / 3P
   Silicon Standard Recovery Diode
S40K GENESIC-S40K Datasheet
584Kb / 3P
   Silicon Standard Recovery Diode
KBU10005 GENESIC-KBU10005 Datasheet
298Kb / 2P
   Silicon Standard Recovery Diode
MSRT15060AD GENESIC-MSRT15060AD Datasheet
408Kb / 3P
   Silicon Standard Recovery Diode
S6B GENESIC-S6B Datasheet
763Kb / 3P
   Silicon Standard Recovery Diode
S12K GENESIC-S12K Datasheet
770Kb / 3P
   Silicon Standard Recovery Diode
S16K GENESIC-S16K Datasheet
761Kb / 3P
   Silicon Standard Recovery Diode
S85B GENESIC-S85B Datasheet
589Kb / 3P
   Silicon Standard Recovery Diode
S85K GENESIC-S85K Datasheet
590Kb / 3P
   Silicon Standard Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com