Electronic Components Datasheet Search |
|
ISL28214MSOPEVAL2Z Datasheet(PDF) 5 Page - Renesas Technology Corp |
|
ISL28214MSOPEVAL2Z Datasheet(HTML) 5 Page - Renesas Technology Corp |
5 / 23 page ISL28114, ISL28214, ISL28414 FN6800 Rev 10.00 Page 5 of 23 December 8, 2016 AC SPECIFICATIONS GBWP Gain-Bandwidth Product VS = ±2.5V AV = 100, RF = 100kΩ, RG =1kΩ, RL = 10kΩ to VCM 5MHz eN VP-P Peak-to-Peak Input Noise Voltage VS = ±2.5V f = 0.1Hz to 10Hz 12 µVP-P eN Input Noise Voltage Density VS = ±2.5V f = 1kHz 40 nV/√(Hz) VS = ±2.5V f = 10kHz 16 nV/√(Hz) iN Input Noise Current Density VS = ±2.5V f = 1kHz 8fA/√(Hz) ZIN Input Impedance 1012 Ω Cin Differential Input Capacitance VS = ±2.5V f = 1MHz 1.0 pF Common-Mode Input Capacitance 1.3 pF TRANSIENT RESPONSE SR Slew Rate VOUT = 0.5V to 4.5V 2.5 V/µs tr, tf, Small Signal Rise Time, tr 10% to 90% VS = ±2.5V AV = +1, VOUT = 0.05VP-P RF =0Ω, RL = 10kΩCL = 15pF 37 ns Fall Time, tf 10% to 90% 42 ns ts Settling Time to 0.1%, 4VP-P Step VS = ±2.5V AV = +1, RF = 0ΩRL =10kΩ CL = 1.2pF 5.6 µs NOTE: 8. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design. Electrical Specifications VS+=5V, VS-=0V,RL=Open,VCM=VS/2,TA =+25°C, unlessotherwisespecified.Boldfacelimitsapplyacross the operating temperature range, -40°C to +125°C, unless otherwise specified. (Continued) PARAMETER DESCRIPTION TEST CONDITIONS MIN (Note 8)TYP MAX (Note 8)UNIT |
Similar Part No. - ISL28214MSOPEVAL2Z |
|
Similar Description - ISL28214MSOPEVAL2Z |