Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8141D2TG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV8141D2TG
Description  5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8141D2TG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV8141D2TG Datasheet HTML 4Page - ON Semiconductor NCV8141D2TG Datasheet HTML 5Page - ON Semiconductor NCV8141D2TG Datasheet HTML 6Page - ON Semiconductor NCV8141D2TG Datasheet HTML 7Page - ON Semiconductor NCV8141D2TG Datasheet HTML 8Page - ON Semiconductor NCV8141D2TG Datasheet HTML 9Page - ON Semiconductor NCV8141D2TG Datasheet HTML 10Page - ON Semiconductor NCV8141D2TG Datasheet HTML 11Page - ON Semiconductor NCV8141D2TG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCV8141
http://onsemi.com
8
APPLICATION NOTES
NCV8141 DESIGN EXAMPLE
The NCV8141 with its unique integration of linear
regulator and control features: RESET, ENABLE and
WATCHDOG, provides a single IC solution for a
microprocessor power supply. The reset delay, reset
duration and watchdog frequency limit are all determined by
a single capacitor. For a particular microprocessor the
overriding requirement is usually the reset delay (also
known as power on reset). The capacitor is chosen to meet
this requirement and the reset duration and watchdog
frequency follow.
The reset delay is given by:
tPOR(typ) + (4.75
105)CDELAY
Assume that the reset delay must be 200 ms minimum.
From the NCV8141 data sheet the reset delay has a
$37%
tolerance due to the regulator.
Assume the capacitor tolerance is
$10%.
tPOR(min) + (4.75
105
0.63)
CDELAY
0.9
CDELAY(min) +
tPOR(min)
2.69
105
CDELAY(min) + 0.743 mF
Closest standard value is 0.82
mF.
Minimum and maximum delays using 0.82
mF are 220 ms
and 586 ms.
The duration of the reset pulse is given by:
TWDI(RESET)(typ) + (1.0
104)
CDELAY
This has a tolerance of
±50% due to the IC, and ±10% due
to the capacitor.
The duration of the reset pulse ranges from 3.69 ms to
13.5 ms.
The watchdog signal can be expressed as a frequency or
time. From a programmers point of view, time is more useful
since they must ensure that a watchdog signal is issued
consistently several times per second.
The watchdog time is given by:
tWDI + (1.3
105)CDELAY
There is a tolerance of
±20% due to the NCV8141.
With a capacitor tolerance of
±10%:
tWDI + (1.3
105)
1.2
1.1
CDelay
tWDI + 141 ms (max)
tWDI + (1.3
105)
0.8
0.9
CDELAY
tWDI + 76 ms (min)
The software must be written so that a watchdog signal
arrives at least every 76 ms.
Figure 9. WDI Signal for CDelay = 0.82 mF using
NCV8141
Hz
ms
7
FAIL
13
141
76
PASS
ENERGY CONSERVATION AND SMART FEATURES
Energy conservation is another benefit of using a
regulator with integrated microprocessor control features.
Using the NCV8141 as indicated in Figure 10, the
microprocessor can control its own power down sequence.
The momentary contact switch quickly charges C1 through
R1.
When the voltage across C1 reaches 3.95 V ( the enable
threshold), the output switches on and VOUT rises to 5.0 V.
After a delay period determined by CDelay, a frequency
programmable reset pulse train is generated at the reset
output. The pulse train continues until the correct watchdog
signal appears at the WDI lead. C1 is now left to discharge
through
the
input
impedance
of
the
enable
lead
(approximately 150 k
W) and the enable signal disappears.
The output voltage remains at 5.0 V as long as the NCV8141
continues to receive the correct watchdog signal.
The microprocessor can power itself down by terminating
its watchdog signal. When the microprocessor finishes its
housekeeping or power down software routine, it stops
sending a watchdog signal. In response, the regulator
generates a reset signal and goes into a sleep mode where
VOUT drops to 0 V, shutting down the microprocessor.


Similar Part No. - NCV8141D2TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8141D2TG ONSEMI-NCV8141D2TG Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
More results

Similar Description - NCV8141D2TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
logo
Cherry Semiconductor Co...
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
logo
ON Semiconductor
NCV8508PD50 ONSEMI-NCV8508PD50 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com