Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEPM24 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # TEPM24
Description  TVS Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TEPM24 Datasheet(HTML) 1 Page - Rectron Semiconductor

  TEPM24 Datasheet HTML 1Page - Rectron Semiconductor TEPM24 Datasheet HTML 2Page - Rectron Semiconductor TEPM24 Datasheet HTML 3Page - Rectron Semiconductor TEPM24 Datasheet HTML 4Page - Rectron Semiconductor TEPM24 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC61000-4-4 (EFT) 40A (5/50 s)
350 Watts Peak Pulse Power per (tp=8/20 s)
Protects one bidirectional line or two
unidirectional lines
Low clamping voltage
Working voltages : 3.3V to 36V
Low leakage current
The TEPMxx Series isdesigned for applications
requiring
transient
overvoltage
protection
capability. They are intended for use in voltage
and ESD sensitive equipment such as computers,
printers,
business
machines,
communication
systems,
medical
equipment
and
other
applications.
These
devices
are
ideal
for
situations where board space is at a premium.
This series has been specifically designed to
protect
sensitive
components
which
are
connected to power
data and transmission lines
from overvoltage caused by ESD(electrostatic
discharge), CDE (Cable Discharge Events),and
EFT (electrical fast transients).
SOT-23 package
Flammability Rating: UL 94V-0
Packaging: Tape and Reel
High temperature soldering guaranted:260
/10s
Reel size: 7 inch
MSL 1
Device:TEPMxx
Package: SOT-23
Material: Halogen free
Packing: Tape & Reel
Quantity per reel: 3,000pcs
Cell Phone Handsets and Accessories
Microprocessor based equipment
Personal Digital Assistants (PDA’s)
Notebooks, Desktops, and Servers
Portable Instrumentation
Networking and Telecom
Serial and Parallel Ports.
Peripherals
DESCRIPTION
FEATURES
TEPMxx
SERIES
TVS Diode Array
MACHANICAL DATA
ORDERING INFORMATION
APPLICATIONS
PACKAGE OUTLINE
PIN CONFIGURATION
2017-05
REV:A1


Similar Part No. - TEPM24

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
TEPM24 RECTRON-TEPM24 Datasheet
657Kb / 4P
   TVS Diode Array
TEPM24C RECTRON-TEPM24C Datasheet
250Kb / 5P
   Bidirectional TVS Diode Array
TEPM24CV RECTRON-TEPM24CV Datasheet
321Kb / 4P
   Bidirectional TVS Diode Array
More results

Similar Description - TEPM24

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
SM24 BILIN-SM24 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
   TVS DIODE ARRAY
logo
Shanghai Leiditech Elec...
SM48 LEIDITECH-SM48 Datasheet
312Kb / 3P
   TVS Diode Array
SM12T1 LEIDITECH-SM12T1 Datasheet
373Kb / 3P
   TVS Diode Array
GSOT05C LEIDITECH-GSOT05C Datasheet
447Kb / 3P
   TVS Diode Array
Rev : 01.06.2014
logo
Guangdong Youtai Semico...
SMXX UMW-SMXX Datasheet
425Kb / 3P
   TVS Diode Array
logo
TECH PUBLIC Electronics...
SM05T1G-TP TECHPUBLIC-SM05T1G-TP Datasheet
977Kb / 4P
   TVS Diode Array
logo
Yea Shin Technology Co....
YSOTXXC YEASHIN-YSOTXXC Datasheet
800Kb / 3P
   TVS DIODE ARRAY
logo
Galaxy Semi-Conductor H...
SM12 BILIN-SM12 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com