Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBSG72AMNG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NBSG72AMNG
Description  2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG72AMNG Datasheet(HTML) 3 Page - ON Semiconductor

  NBSG72AMNG Datasheet HTML 1Page - ON Semiconductor NBSG72AMNG Datasheet HTML 2Page - ON Semiconductor NBSG72AMNG Datasheet HTML 3Page - ON Semiconductor NBSG72AMNG Datasheet HTML 4Page - ON Semiconductor NBSG72AMNG Datasheet HTML 5Page - ON Semiconductor NBSG72AMNG Datasheet HTML 6Page - ON Semiconductor NBSG72AMNG Datasheet HTML 7Page - ON Semiconductor NBSG72AMNG Datasheet HTML 8Page - ON Semiconductor NBSG72AMNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NBSG72A
http://onsemi.com
3
Q0
Q0
LOW
D0
HIGH
D1
LOW
D0
HIGH
D1
SELA
Q0
Figure 2. Logic/Block Diagram
LOW
LOW
HIGH
HIGH
SELB
D0
D0
D1
D1
Q1
VTD0
D0
SELA
SELB
OLS
Q1
22
22
2
2
2
2
2
2
VCC
VEE
+
50
W
50
W
75 k
W
75 k
W
Table 2. TRUTH TABLE
Q1
D0
50
W
VTD1
D1
D1
50
W
Table 3. OUTPUT LEVEL SELECT (OLS)
OLS
Output Amplitude (VOUTPP)
OLS Sensitivity
VCC
800 mV
OLS − 75 mV
VCC − 0.4 V
200 mV
OLS
± 150 mV
VCC − 0.8 V
600 mV
OLS
± 100 mV
VCC − 1.2 V
0
OLS
± 75 mV
VEE (Note 3)
400 mV
OLS
± 100 mV
FLOAT
600 mV
N/A
3. When an output level of 400 mV is desired and VCC − VEE > 3.0 V, a 2 kW resistor should be connected from OLS to VEE.
Table 4. INTERFACING OPTIONS
Interfacing Options
Connections
CML
Connect VTD0 and VTD1 to VCC
LVDS
VTD0 and VTD1 Should Be Left Floating.
AC−COUPLED
Bias VTD0 and VTD1 Inputs within Common Mode Range (VIHCMR)
RSECL, PECL, NECL
Standard ECL Termination Techniques
LVCMOS / LVTTL
The external voltage should be applied to the unused complementary differential input.
Nominal voltage is 1.5 V for LVTTL and VCC/2 for LVCMOS Inputs.


Similar Part No. - NBSG72AMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG72AMNG ONSEMI-NBSG72AMNG Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMNG ONSEMI-NBSG72AMNG Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
June, 2014 ??Rev. 8
More results

Similar Description - NBSG72AMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
June, 2014 ??Rev. 8
NB6L72 ONSEMI-NB6L72_09 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
April, 2008 - Rev. 4
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NBSG86A ONSEMI-NBSG86A_06 Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NB6L72 ONSEMI-NB6L72 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG86A ONSEMI-NBSG86A_14 Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NBSG72AMN ONSEMI-NBSG72AMN_14 Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
June, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com