Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL21010CFH315Z-T7A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL21010CFH315Z-T7A
Description  Micropower Voltage Reference
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21010CFH315Z-T7A Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL21010CFH315Z-T7A Datasheet HTML 1Page - Renesas Technology Corp ISL21010CFH315Z-T7A Datasheet HTML 2Page - Renesas Technology Corp ISL21010CFH315Z-T7A Datasheet HTML 3Page - Renesas Technology Corp ISL21010CFH315Z-T7A Datasheet HTML 4Page - Renesas Technology Corp ISL21010CFH315Z-T7A Datasheet HTML 5Page - Renesas Technology Corp ISL21010CFH315Z-T7A Datasheet HTML 6Page - Renesas Technology Corp ISL21010CFH315Z-T7A Datasheet HTML 7Page - Renesas Technology Corp ISL21010CFH315Z-T7A Datasheet HTML 8Page - Renesas Technology Corp ISL21010CFH315Z-T7A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
FN7896 Rev 5.00
Page 1 of 37
Mar 30, 2018
FN7896
Rev 5.00
Mar 30, 2018
ISL21010
Micropower Voltage Reference
DATASHEET
The ISL21010 is a precision, low dropout micropower bandgap
voltage reference in a space-saving SOT-23 package. It
operates from a single 2.2V to 5.5V supply (minimum voltage
is dependent on voltage option) and provides a ±0.2%
accurate reference. The ISL21010 provides up to 25mA output
current sourcing with low 150mV dropout voltage.
Output voltage options include 1.024V, 1.2V, 1.5V, 2.048V,
2.5V, 3.0V, 3.3V, and 4.096V. The low supply current and low
dropout voltage combined with high accuracy make the
ISL21010 ideal for precision battery powered applications.
Applications
• Battery management/monitoring
• Low power standby voltages
• Portable instrumentation
• Consumer/medical electronics
• Lower cost industrial and instrumentation
• Power regulation circuits
• Control loops and compensation networks
• LED/diode supply
Features
• Reference output voltages . . . . . . . . . . . 1.024V, 1.25V, 1.5V,
2.048V, 2.5V, 3.0V, 3.3V, 4.096V
• Precision 0.2% initial accuracy
• Input voltage range:
- ISL21010-10, -12, -15 -20 . . . . . . . . . . . . . . . . 2.2V to 5.5V
- ISL21010-25 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.6V to 5.5V
- ISL21010-30. . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.1V to 5.5V
- ISL21010-33. . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.4V to 5.5V
- ISL21010-41. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2V to 5.5V
• Output current source capability . . . . . . . . . . . . . . . . . . 25mA
• Operating temperature range. . . . . . . . . . . .-40°C to +125°C
• Output voltage noise (VOUT = 2.048V). . . . . . . . . . . . . .58µVP-P
(0.1Hz to 10Hz)
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . . .48µA (typical)
• Tempco . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50ppm/°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23
• Pb-free (RoHS compliant)
Related Literature
For a full list of related documents, visit our website
ISL21010DFH310, ISL21010DFH312, ISL21010CFH315,
ISL21010CFH320, ISL21010CFH325, ISL21010CFH330,
ISL21010CFH333, ISL21010CFH341 product page
FIGURE 1. TYPICAL APPLICATION DIAGRAM
Cb
1µF
Cl
+5.0V
SIGNAL INPUT
0V TO 5V
+5.0V
+5.0V
ISL28134
R1
C1
4.7nF
ADC
+AIN1
-AIN1
GND
VDD
VREF
VIN
VOUT
GND
ISL21010
50Ω
0.1µF TO 10µF


Similar Part No. - ISL21010CFH315Z-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21010CFH315Z-T7A INTERSIL-ISL21010CFH315Z-T7A Datasheet
2Mb / 35P
   Micropower Voltage Reference
January 8, 2015
More results

Similar Description - ISL21010CFH315Z-T7A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com