Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL21007DFB825Z Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL21007DFB825Z
Description  Precision, Low Noise FGA Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21007DFB825Z Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL21007DFB825Z Datasheet HTML 1Page - Renesas Technology Corp ISL21007DFB825Z Datasheet HTML 2Page - Renesas Technology Corp ISL21007DFB825Z Datasheet HTML 3Page - Renesas Technology Corp ISL21007DFB825Z Datasheet HTML 4Page - Renesas Technology Corp ISL21007DFB825Z Datasheet HTML 5Page - Renesas Technology Corp ISL21007DFB825Z Datasheet HTML 6Page - Renesas Technology Corp ISL21007DFB825Z Datasheet HTML 7Page - Renesas Technology Corp ISL21007DFB825Z Datasheet HTML 8Page - Renesas Technology Corp ISL21007DFB825Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISL21007
FN6326 Rev.12.00
Page 2 of 20
Jun 9, 2017
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
VOUT OPTION
(V)
GRADE
TEMP. RANGE
(°C)
PACKAGE
(RoHS COMPLIANT) PKG. DWG. #
ISL21007CFB812Z
21007CF Z12
1.250
±1.0mV, 5ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007DFB812Z
21007DF Z12
1.250
±2.0mV, 10ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007CFB820Z
21007CF Z20
2.048
±1.0mV, 5ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007DFB820Z (Obsolete
recommended replacement
ISL21007CFB820Z)
21007DF Z20
2.048
±2.0mV, 10ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007CFB825Z
21007CF Z25
2.500
±1.0mV, 5ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007DFB825Z
21007DF Z25
2.500
±2.0mV, 10ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007CFB830Z (Obsolete,
recommended replacement
ISL21007CFB825Z-TK)
21007CF Z30
3.000
±1.0mV, 5ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007DFB830Z (Obsolete,
recommended replacement
ISL21007CFB825Z-TK)
21007DF Z30
3.000
±2.0mV, 10ppm/°C
-40 to +125
8 Ld SOIC
M8.15
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. Add “-TK” suffix for 1k unit tape and reel option. Refer to TB347 for details on reel specifications.
3. For Moisture Sensitivity Level (MSL), see device information pages for ISL21007CFB812, ISL21007CFB820, ISL21007CFB825, ISL21007CFB830,
ISL21007DFB812, ISL21007DFB820, ISL21007DFB825, ISL21007DFB830. For more information on MSL, see techbrief TB363.
Pin Configuration
ISL21007
(8 LD SOIC)
TOP VIEW
GND or NC
VIN
DNC
GND
1
2
3
4
8
7
6
5
DNC
DNC
VOUT
TRIM
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
GND or NC
Ground or No Connection
2
VIN
Power Supply Input Connection
4GND
Ground
5
TRIM
Allows User Trim VOUT ±2.5%
6
VOUT
Voltage Reference Output Connection
3, 7, 8
DNC
Do Not Connect; Internal Connection - Must Be Left Floating


Similar Part No. - ISL21007DFB825Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21007DFB825Z INTERSIL-ISL21007DFB825Z Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21007DFB825Z INTERSIL-ISL21007DFB825Z Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
More results

Similar Description - ISL21007DFB825Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com