Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL21010DFH312Z-T7A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL21010DFH312Z-T7A
Description  Micropower Voltage Reference
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21010DFH312Z-T7A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL21010DFH312Z-T7A Datasheet HTML 5Page - Renesas Technology Corp ISL21010DFH312Z-T7A Datasheet HTML 6Page - Renesas Technology Corp ISL21010DFH312Z-T7A Datasheet HTML 7Page - Renesas Technology Corp ISL21010DFH312Z-T7A Datasheet HTML 8Page - Renesas Technology Corp ISL21010DFH312Z-T7A Datasheet HTML 9Page - Renesas Technology Corp ISL21010DFH312Z-T7A Datasheet HTML 10Page - Renesas Technology Corp ISL21010DFH312Z-T7A Datasheet HTML 11Page - Renesas Technology Corp ISL21010DFH312Z-T7A Datasheet HTML 12Page - Renesas Technology Corp ISL21010DFH312Z-T7A Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
ISL21010
FN7896 Rev 5.00
Page 9 of 37
Mar 30, 2018
Electrical Specifications (ISL21010-41, VOUT = 4.096V) VIN = 5.0V, TA = +25°C, IOUT = 0A, unless otherwise
specified.
Boldface limits apply across the operating temperature range, -40°C to +125°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNIT
Output Voltage
VOUT
4.096
V
VOUT Accuracy at TA = +25°C (Note 7)VOA
-0.2
+0.2
%
Output Voltage Temperature Coefficient (Note 9)TC VOUT
15
50
ppm/°C
Input Voltage Range
VIN
4.2
5.5
V
Supply Current
IIN
TA = +25°C
48
80
µA
TA = -40°C to +125°C
100
µA
Line Regulation
VOUT /VIN
4.2 V < VIN < 5.5V
106
550
µV/V
Load Regulation
VOUT/IOUT
Sourcing: 0mA
 IOUT  25mA
50
140
µV/mA
Sinking: -1mA
 IOUT 0mA
50
µV/mA
Dropout Voltage (Note 10)VINDO
IOUT = 10mA
60
150
mV
Short-Circuit Current
ISC
TA = +25°C, VOUT tied to GND
126
mA
Turn-On Settling Time
tR
VOUT = ±0.1%, COUT = 1μF
300
µs
Ripple Rejection
f = 120Hz
58
dB
Output Voltage Noise
eN
0.1Hz
 f 10Hz
112
µVP-P
Broadband Voltage Noise
VN
10Hz
 f 1kHz
56
µVRMS
Thermal Hysteresis (Note 11)
VOUT/TA
TA = +165°C
100
ppm
Long Term Stability
VOUT/t
1000 hours, TA = +25°C
110
ppm
NOTES:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design.
9. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the
temperature range; in this case, -40°C to +125°C = +165°C.
10. Dropout Voltage is the minimum VIN - VOUT differential voltage measured at the point where VOUT drops 1mV from VIN = nominal at TA = +25°C.
11. Thermal Hysteresis is the change of VOUT measured at TA = +25°C after temperature cycling over a specified range, TA. VOUT is read initially at
TA = +25°C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at +25°C. The difference between
the initial VOUT reading and the second VOUT reading is then expressed in ppm. For TA = +165°C, the device under test is cycled from +25°C to
-40°C to +125°C to +25°C.


Similar Part No. - ISL21010DFH312Z-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21010DFH312Z-T7A INTERSIL-ISL21010DFH312Z-T7A Datasheet
2Mb / 35P
   Micropower Voltage Reference
January 8, 2015
More results

Similar Description - ISL21010DFH312Z-T7A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com