Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL25700FRUZ-T Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL25700FRUZ-T
Description  Programmable Temperature Controlled MOSFET Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL25700FRUZ-T Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL25700FRUZ-T Datasheet HTML 3Page - Renesas Technology Corp ISL25700FRUZ-T Datasheet HTML 4Page - Renesas Technology Corp ISL25700FRUZ-T Datasheet HTML 5Page - Renesas Technology Corp ISL25700FRUZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL25700FRUZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL25700FRUZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL25700FRUZ-T Datasheet HTML 9Page - Renesas Technology Corp ISL25700FRUZ-T Datasheet HTML 10Page - Renesas Technology Corp ISL25700FRUZ-T Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ISL25700
FN6885 Rev 1.00
Page 7 of 18
July 23, 2014
tBUF
(Note 11)
Time the Bus Must be Free Before
the Start of a New Transmission
SDA crossing 70% of VI2C during a STOP
condition, to SDA crossing 70% of VI2C during
the following START condition
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VI2C crossing
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VI2C crossing
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling edge. Both
crossing 70% of VI2C
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30% of VI2C
to SCL falling edge crossing 70% of VI2C
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of VI2C
window, to SCL rising edge crossing 30% of
VI2C
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge crossing 70% of VI2C to
SDA entering the 30% to 70% of VI2C window
0
ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing 70% of VI2C, to
SDA rising edge crossing 30% of VI2C
600
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30% of VI2C,
until SDA enters the 30% to 70% of VI2C
window
0
ns
tR
SDA and SCL Rise Time
From 30% to 70% of VI2C
20 +
0.1 * Cb
250
ns
tF
SDA and SCL Fall Time
From 70% to 30% of VI2C
20 +
0.1 * Cb
250
ns
Cb
Capacitive Loading of SDA or SCL
Total on-chip and off-chip
10
400
pF
Rpu
(Note 11)
SDA and SCL Bus Pull-Up Resistor
Off-Chip
Maximum is determined by tR and tF.
For Cb = 400pF, max is about 2~2.5k
.
For Cb = 40pF, max is about 15~20k
1
k
tWC
(Notes
11, 12)
Non-Volatile Write Cycle Time
15
20
ms
NOTES:
6. Typical values are for TA = +25°C and 12V supply voltage.
7. LSB: [VDAC255 – VDAC0]/255. VDAC255 and VDAC0 are the DAC output voltage when DAC register set to FF hex and 00 hex respectively.
8. DNL = [VDACi – VDACi-1]/LSB-1, for i = 1 to 255. i is the DAC register setting.
9. INL = [VDACi – (i • LSB + VDAC0)]/LSB for i = 1 to 255.
10.
for i = 1 to 255 decimal, T = -40°C to +125°C, referenced to 40°C.
11. Limits established by characterization and are not production tested.
12. tWC is the time from a valid STOP condition at the end of a Write sequence of a I2C serial interface Write operation, to the end of the self-timed internal
non-volatile write cycle. The Busy Polling method can be used to determine the end of the
non-volatile write cycle.
13. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
14. B25/85 is a thermistor material specific constant; represents the slope of the Resistance vs. Temperature curve.
Operating Specifications Over the recommended operating conditions unless otherwise specified. Boldface limits apply over the
operating temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 13)
TYP
(Note 6)
MAX
(Note 13)
UNITS
TCV
VDACi T
 VDAC
i 40°C

VDACi 40°C

-------------------------------------------------------------------------
106
T40
°C
----------------------------
=


Similar Part No. - ISL25700FRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL25700FRUZ-T INTERSIL-ISL25700FRUZ-T Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
ISL25700FRUZ-T7A INTERSIL-ISL25700FRUZ-T7A Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
ISL25700FRUZ-TK INTERSIL-ISL25700FRUZ-TK Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
More results

Similar Description - ISL25700FRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL25700 INTERSIL-ISL25700 Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
logo
Allegro MicroSystems
A3985 ALLEGRO-A3985 Datasheet
446Kb / 15P
   Digitally Programmable Dual Full-Bridge MOSFET Driver
logo
Linear Technology
LT3597 LINER-LT3597 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
logo
Maxim Integrated Produc...
MAX16816 MAXIM-MAX16816 Datasheet
341Kb / 33P
   Programmable Switch-Mode LED Driver with Analog-Controlled PWM Dimming
Rev 0; 1/08
logo
Texas Instruments
LP5522 TI1-LP5522 Datasheet
797Kb / 17P
[Old version datasheet]   Programmable LED Driver
logo
National Semiconductor ...
LP5522 NSC-LP5522 Datasheet
255Kb / 14P
   Programmable LED Driver
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Epson Company
VG7050EAN EPSON-VG7050EAN Datasheet
427Kb / 3P
   Programmable Voltage Controlled Oscillator (VCXO)
VG7050ECN-SM20T007 EPSON-VG7050ECN-SM20T007 Datasheet
808Kb / 3P
   Programmable Voltage Controlled Oscillator (VCXO)
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com