Electronic Components Datasheet Search |
|
STM48-1V0M060-1Z Datasheet(PDF) 1 Page - Bel Fuse Inc. |
|
STM48-1V0M060-1Z Datasheet(HTML) 1 Page - Bel Fuse Inc. |
1 / 30 page www.powerstamp.org belfuse.com/power-solutions MAIN AND SATELLITE POWER STAMP 48V-to-PoL isolated DC-DC converters The MAIN and SATELLITE Power Stamp are isolated DC-DC converters that converts a 48V or 54V bus voltage into a low voltage suitable for typical server’s motherboard subsystems. Key Features and Benefits • Over 94% efficiency at 1.8Vout • Over 91% efficiency at 1.0Vout • Up to 140W continuous output power / 200W peak • Up to 70A continuous output current / 100A peak • Wide 40V to 60V input voltage range • Power density exceeding 300W/in3 • Parallelable with automatic phase shedding • Flat efficiency curve over wide load ranges • Source and sink mode for fast transient response • Isolated power train • Secondary side fully digital control • PMBUs with configurable AVS or Intel SVID interface • Industry standard SMT package • Reference designs for selected applications Applications • Direct conversion from 48V or 54V bus • High performance computing • Servers, storage and data processing equipment • Communication systems • Intel VR13 HC CPUs • DDR4 memory • Low voltage, high current ASICs and FPGAs |
Similar Part No. - STM48-1V0M060-1Z |
|
Similar Description - STM48-1V0M060-1Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |