Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NBSG72A Datasheet(PDF) 13 Page - ON Semiconductor

Part No. NBSG72A
Description  2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG72A Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NBSG72A Datasheet HTML 8Page - ON Semiconductor NBSG72A Datasheet HTML 9Page - ON Semiconductor NBSG72A Datasheet HTML 10Page - ON Semiconductor NBSG72A Datasheet HTML 11Page - ON Semiconductor NBSG72A Datasheet HTML 12Page - ON Semiconductor NBSG72A Datasheet HTML 13Page - ON Semiconductor NBSG72A Datasheet HTML 14Page - ON Semiconductor NBSG72A Datasheet HTML 15Page - ON Semiconductor NBSG72A Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
NBSG72A
http://onsemi.com
13
ORDERING INFORMATION
Device
Package
Shipping
NBSG72AMN
QFN−16
123 Units / Rail
NBSG72AMNG
QFN−16
(Pb−Free)
123 Units / Rail
NBSG72AMNR2
QFN−16
3000 / Tape & Reel
Board
Description
NBSG72AMNEVB
NBSG72AMN Evaluation Board
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NBSG72A

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NBSG72A ONSEMI-NBSG72A Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMN ONSEMI-NBSG72AMN Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMN ONSEMI-NBSG72AMN Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
June, 2014 ??Rev. 8
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
June, 2014 ??Rev. 8
More results

Similar Description - NBSG72A

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
June, 2014 ??Rev. 8
NBSG86A ONSEMI-NBSG86A_06 Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NB6L72 ONSEMI-NB6L72_09 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
April, 2008 - Rev. 4
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG86A ONSEMI-NBSG86A_14 Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NB6L72 ONSEMI-NB6L72 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
NBSG72AMN ONSEMI-NBSG72AMN_14 Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
June, 2014 ??Rev. 8
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz