Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NBSG72A Datasheet(PDF) 12 Page - ON Semiconductor

Part No. NBSG72A
Description  2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG72A Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NBSG72A Datasheet HTML 8Page - ON Semiconductor NBSG72A Datasheet HTML 9Page - ON Semiconductor NBSG72A Datasheet HTML 10Page - ON Semiconductor NBSG72A Datasheet HTML 11Page - ON Semiconductor NBSG72A Datasheet HTML 12Page - ON Semiconductor NBSG72A Datasheet HTML 13Page - ON Semiconductor NBSG72A Datasheet HTML 14Page - ON Semiconductor NBSG72A Datasheet HTML 15Page - ON Semiconductor NBSG72A Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
NBSG72A
http://onsemi.com
12
0
200
400
600
800
1000
OLS (mV)
Figure 11. OLS Operating Area
VEE
VCC
VCC − 400
VCC − 800
VCC − 1200
VCC − 75
VCC − 250
VCC − 550
VCC − 700 VCC − 900
VCC − 1125 VCC − 1275
VEE + 100
Figure 12. AC Reference Measurement
D
D
Q
Q
tPHL
tPLH
VINPP = VIH(D) − VIL(D)
VOUTPP = VOH(Q) − VOL(Q)
Figure 13. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50
W
50
W
VTT
VTT = VCC − 2.0 V


Similar Part No. - NBSG72A

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NBSG72A ONSEMI-NBSG72A Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMN ONSEMI-NBSG72AMN Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMN ONSEMI-NBSG72AMN Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
June, 2014 ??Rev. 8
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
June, 2014 ??Rev. 8
More results

Similar Description - NBSG72A

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
June, 2014 ??Rev. 8
NBSG86A ONSEMI-NBSG86A_06 Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NB6L72 ONSEMI-NB6L72_09 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
April, 2008 - Rev. 4
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG86A ONSEMI-NBSG86A_14 Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NB6L72 ONSEMI-NB6L72 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
NBSG72AMN ONSEMI-NBSG72AMN_14 Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
June, 2014 ??Rev. 8
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz