Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM54-1V2M050-1Z Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # STM54-1V2M050-1Z
Description  48V-to-PoL isolated DC-DC converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM54-1V2M050-1Z Datasheet(HTML) 3 Page - Bel Fuse Inc.

  STM54-1V2M050-1Z Datasheet HTML 1Page - Bel Fuse Inc. STM54-1V2M050-1Z Datasheet HTML 2Page - Bel Fuse Inc. STM54-1V2M050-1Z Datasheet HTML 3Page - Bel Fuse Inc. STM54-1V2M050-1Z Datasheet HTML 4Page - Bel Fuse Inc. STM54-1V2M050-1Z Datasheet HTML 5Page - Bel Fuse Inc. STM54-1V2M050-1Z Datasheet HTML 6Page - Bel Fuse Inc. STM54-1V2M050-1Z Datasheet HTML 7Page - Bel Fuse Inc. STM54-1V2M050-1Z Datasheet HTML 8Page - Bel Fuse Inc. STM54-1V2M050-1Z Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
STM48-MAIN
STM48-SATELLITE
Rev. 1.0 – 21/02/2018
www.powerstamp.org
Page 3 of 30
belfuse.com/power-solutions
Typical Intel VR13 HC CPU and DDR4 Memory Application
SATELLITE
niPoL
niPoL
VDDQ
Vtt
VPP
SATELLITE
niPoL
niPoL
niPoL
VR13 HC
CPU
VccIN
VccSA
VccIO
VccANA
Vcc1P8
MAIN
54V BUS
12V BUS
SATELLITE
SATELLITE
niPoL
54V BUS
12V BUS
MAIN
CPU and DDR rails
>10W power rails
<10W power rails
12V
SATELLITE
niPoL
niPoL
DDR4 DIMM
VDDQ
Vtt
VPP
54V BUS
12V BUS
MAIN
12V
1.8V
1.215V
1.215V
400A
100A
100A
DDR4 DIMM
DDR4 DIMM
DDR4 DIMM
DDR4 DIMM
DDR4 DIMM
DDR4 DIMM
DDR4 DIMM
DDR4 DIMM
DDR4 DIMM
DDR4 DIMM
DDR4 DIMM
DDR4 DIMM
DDR4 DIMM
DDR4 DIMM
DDR4 DIMM
RBC
54V BUS


Similar Part No. - STM54-1V2M050-1Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM500-2 STMICROELECTRONICS-STM500-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
STM500-2 STMICROELECTRONICS-STM500-2 Datasheet
33Kb / 3P
   RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
June 15, 1998
logo
Siemens Semiconductor G...
STM51004A SIEMENS-STM51004A Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
STM51004G SIEMENS-STM51004G Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
STM51004X SIEMENS-STM51004X Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
More results

Similar Description - STM54-1V2M050-1Z

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
TDK Electronics
FS1406-0700-AL TDK-FS1406-0700-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AL TDK-FS1406-1050-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1100-AS TDK-FS1406-1100-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-2500-AS TDK-FS1406-2500-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-0900-AL TDK-FS1406-0900-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AS TDK-FS1406-1050-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1403-3300-AL TDK-FS1403-3300-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com