Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP56MN Datasheet(PDF) 8 Page - ON Semiconductor

Part # NB100LVEP56MN
Description  2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP56MN Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NB100LVEP56MN Datasheet HTML 4Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 5Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 6Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 7Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 8Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 9Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 10Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 11Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NB100LVEP56
http://onsemi.com
8
Table 11. AC CHARACTERISTICS VCC = 0 V; VEE = −4.2 V to −5.5 V or VCC = 4.2 V to 5.5 V; VEE = 0 V (Note 29)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOUTPP Output Voltage Amplitude
fin v 1 GHz
(See Figure 5)
fin = 2 GHz
fin = 2.5 GHz
600
550
400
750
650
550
600
500
350
750
600
450
600
400
200
750
500
300
mV
tPLH,
tPHL
Propagation Delay to Output Differential
D to Q, Q
SEL to Q, Q
COM_SEL to Q, Q
375
575
550
500
775
750
625
975
950
400
625
600
525
825
800
650
1025
1000
450
700
700
575
900
900
700
1100
1100
ps
tSkew
Pulse Skew (Note 30)
Within Device Input Skew (Note 31)
Within Device Output Skew (Note 32)
Device−to−Device Skew (Note 33)
5
15
20
50
50
30
50
200
5
15
20
50
50
30
50
200
5
15
20
50
50
30
50
200
ps
tJITTER
RMS Random Clock Jitter
fin = 2.5 GHz
(Note 34)
Peak−to−Peak Data Dependent Jitter
fin =1.5 Gb/s
(Note 35)
fin = 2.5 Gb/s
5
15
1
10
25
1
10
20
1
ps
VINPP
Input Voltage Swing (Differential Configuration)
(Note 36)
150
800
1200 150
800
1200 150
800
1200
mV
tr
tf
Output Rise/Fall Times @ 50 MHz
Q, Q
(20% − 80%)
60
110
150
60
120
170
90
140
230
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
29.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V. Input edge rates 150 ps (20% − 80%).
30.Pulse Skew |tPLH − tPHL|
31.Worst case difference between D0a and D0b (or between D1a or D1b), when both output come from same input.
32.Worst case difference between Q0 and Q1 outputs.
33.Skew is measured between outputs under identical transitions.
34.Additive RMS jitter with 50% Duty Cycle Clock Signal at fin = 2.5 GHz.
35.Additive Peak−to−Peak jitter with input NRZ data at PRBS 231−1 at fin = 2.5 Gb/s.
36.Input voltage swing is a single−ended measurement operating in differential mode.


Similar Part No. - NB100LVEP56MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP56MN ONSEMI-NB100LVEP56MN Datasheet
150Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
November, 2006 ??Rev. 9
NB100LVEP56MNG ONSEMI-NB100LVEP56MNG Datasheet
150Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
November, 2006 ??Rev. 9
NB100LVEP56MNG ONSEMI-NB100LVEP56MNG Datasheet
110Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
NB100LVEP56MNR2 ONSEMI-NB100LVEP56MNR2 Datasheet
150Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
November, 2006 ??Rev. 9
NB100LVEP56MNR2G ONSEMI-NB100LVEP56MNR2G Datasheet
150Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
November, 2006 ??Rev. 9
More results

Similar Description - NB100LVEP56MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56_16 Datasheet
110Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
NB100LVEP56 ONSEMI-NB100LVEP56_06 Datasheet
150Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
November, 2006 ??Rev. 9
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
   2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
logo
ON Semiconductor
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com