Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNP1800-48G Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # FNP1800-48G
Description  AC-DC POWER SUPPLY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

FNP1800-48G Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button FNP1800-48G Datasheet HTML 7Page - Bel Fuse Inc. FNP1800-48G Datasheet HTML 8Page - Bel Fuse Inc. FNP1800-48G Datasheet HTML 9Page - Bel Fuse Inc. FNP1800-48G Datasheet HTML 10Page - Bel Fuse Inc. FNP1800-48G Datasheet HTML 11Page - Bel Fuse Inc. FNP1800-48G Datasheet HTML 12Page - Bel Fuse Inc. FNP1800-48G Datasheet HTML 13Page - Bel Fuse Inc. FNP1800-48G Datasheet HTML 14Page - Bel Fuse Inc. FNP1800-48G Datasheet HTML 15Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
FNP1500/FNP1800
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00247_AB
Each rack (power shelf) is 1U high with backplane and designed for up to three front-end models in parallel or in n+1 operation.
Each power shelf has:
Massive copper bus bars for low-loss current distribution.
Output terminals with two M4-screws on each power tab.
Two fast-on contacts for system earthing.
Address coding over five pole DIP switch on each unit, 37-pin D-Sub connector with I2C-lines, monitoring signals and
support functions.
Provides a start-up synchronization circuit and EMV filters.
FNR-3-12G and FNR-3-48G Power Shelf Front View
Overall Mechanical Dimensions (W x H x D): 17.7” (449.6 mm) x 1.7” (43.1 mm) x 13” (330.2 mm)


Similar Part No. - FNP1800-48G

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP1800-48G POWER-ONE-FNP1800-48G Datasheet
709Kb / 15P
   1500 to 5400-Watt Front-End Power Solutions
FNP1800-48G POWER-ONE-FNP1800-48G Datasheet
505Kb / 17P
   Front-Ends & FNR-3 Power Shelves Data Sheet
More results

Similar Description - FNP1800-48G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com