Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNP600 Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # FNP600
Description  AC-DC POWER SUPPLY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

FNP600 Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button FNP600 Datasheet HTML 4Page - Bel Fuse Inc. FNP600 Datasheet HTML 5Page - Bel Fuse Inc. FNP600 Datasheet HTML 6Page - Bel Fuse Inc. FNP600 Datasheet HTML 7Page - Bel Fuse Inc. FNP600 Datasheet HTML 8Page - Bel Fuse Inc. FNP600 Datasheet HTML 9Page - Bel Fuse Inc. FNP600 Datasheet HTML 10Page - Bel Fuse Inc. FNP600 Datasheet HTML 11Page - Bel Fuse Inc. FNP600 Datasheet HTML 12Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FNP600/850/1000
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD20034-G_AE
SIGNAL
PIN LOCATION
GROUND REFERENCE
NOTE
Over Temperature / Fan Fail
U1
Logic Ground (LRTN)
Open collector 20mA,int.pull-up 5.11k
Ω to 5V DC
AC Power Fail Warning
U2
Logic Ground (LRTN)
Open collector 20mA,int.pull-up 5.11k
Ω to 5V DC
Power Supply Present
U3
Logic Ground (LRTN)
10
Ω resistance int. connected to LRTN
Output Voltage Fault
U4
Logic Ground (LRTN)
Open collector 20mA,int.pull-up 5.11k
Ω to 5V DC
Internal Ground
U5
Internal Ground (SRTN) 2
ADDR0, I2C Address Bus
T1
Internal Ground (SRTN)
ADDR1, I2C Address Bus
T2
Internal Ground (SRTN)
ADDR2, I2C Address Bus
T3
Internal Ground (SRTN)
ADDR3, I2C Address Bus
T4
Internal Ground (SRTN)
ADDR4, I2C Address Bus
T5
Internal Ground (SRTN)
DATA, I2C Data Line
S1
Logic Ground (LRTN)
CLOCK, I2C Clock Line
S2
Logic Ground (LRTN)
Auxiliary Power +12V
S3
Aux Ground
Auxiliary Power Ground
S4
Aux Ground
Logic Ground
S5
Logic Ground (LRTN)
Output Enable 1
R1
Logic Ground (LRTN)
Open circuit or “High” to LRTN shuts OFF Vo1
Vsense+
R2
Vsense-
Vsense-
R3
Vsense-
Output Margin
R4
Internal Ground (SRTN)
OPTIONAL; External resistance needed to adjust
Vo1 lower than it is set originally
Active Current share
R5
Internal Ground (SRTN)
OPTIONAL
Vout+
P1, P2, P3
Vsense-
Vout-
P4, P5, P6
Vsense-
1 Short pin length
2 SRTN (Internal Ground) is internally connected to Vout-
Each rack (power shelf) is 1U high with backplane and designed for up to five front-end models in parallel or in n+1 operation.
Each power shelf has:
Output terminals with two M4-screws on each power tab.
Two fast-on contacts for system earthing.
Address coding over five pole DIP switch on each unit, 37-pin D-Sub connector with I2C-lines, monitoring signals and
support functions.
Provides a start-up synchronization circuit and EMV filters.
Overall Mechanical Dimensions (W x H x D): 17.68” (449 mm) x 1.72” (43.6 mm) x 13.05” (331.5 mm)


Similar Part No. - FNP600

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP600 POWER-ONE-FNP600 Datasheet
696Kb / 13P
   600-to-5000-Watt Front-End Power Solutions
FNP600 POWER-ONE-FNP600 Datasheet
4Mb / 15P
   600-to-5000-Watt Front-End Power Solutions
FNP600-12 POWER-ONE-FNP600-12 Datasheet
696Kb / 13P
   600-to-5000-Watt Front-End Power Solutions
FNP600-12 POWER-ONE-FNP600-12 Datasheet
4Mb / 15P
   600-to-5000-Watt Front-End Power Solutions
FNP600-48 POWER-ONE-FNP600-48 Datasheet
696Kb / 13P
   600-to-5000-Watt Front-End Power Solutions
More results

Similar Description - FNP600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com