Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5652A Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC5652A
Description  Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5652A Datasheet(HTML) 4 Page - Texas Instruments

  DAC5652A_18 Datasheet HTML 1Page - Texas Instruments DAC5652A_18 Datasheet HTML 2Page - Texas Instruments DAC5652A_18 Datasheet HTML 3Page - Texas Instruments DAC5652A_18 Datasheet HTML 4Page - Texas Instruments DAC5652A_18 Datasheet HTML 5Page - Texas Instruments DAC5652A_18 Datasheet HTML 6Page - Texas Instruments DAC5652A_18 Datasheet HTML 7Page - Texas Instruments DAC5652A_18 Datasheet HTML 8Page - Texas Instruments DAC5652A_18 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
DAC5652A
SLAS535E – SEPTEMBER 2007 – REVISED MAY 2018
www.ti.com
Product Folder Links: DAC5652A
Submit Documentation Feedback
Copyright © 2007–2018, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TQFP
VQFN
AGND
38
26
I
Analog ground
AVDD
47
35
I
Analog supply voltage
BIASJ_A
44
32
O
Full-scale output current bias for DACA
BIASJ_B
41
29
O
Full-scale output current bias for DACB
CLKA/CLKIQ
18
6
I
Clock input for DACA, CLKIQ in interleaved mode
CLKB/RESETIQ
19
7
I
Clock input for DACB, RESETIQ in interleaved mode
DA0
10
46
I
Data port A0 (LSB). Internal pulldown.
DA1
9
45
I
Data port A1. Internal pulldown.
DA2
8
44
I
Data port A2. Internal pulldown.
DA3
7
43
I
Data port A3. Internal pulldown.
DA4
6
42
I
Data port A4. Internal pulldown.
DA5
5
41
I
Data port A5. Internal pulldown.
DA6
4
40
I
Data port A6. Internal pulldown.
DA7
3
39
I
Data port A7. Internal pulldown.
DA8
2
38
I
Data port A8. Internal pulldown.
DA9
1
37
i
Data port A9 (MSB). Internal pulldown.
DB0
32
20
I
Data port B0 (LSB). Internal pulldown.
DB1
31
19
I
Data port B1. Internal pulldown.
DB2
30
18
I
Data port B2. Internal pulldown.
DB3
29
17
I
Data port B3. Internal pulldown.
DB4
28
16
I
Data port B4. Internal pulldown.
DB5
27
15
I
Data port B5. Internal pulldown.
DB6
26
14
I
Data port B6. Internal pulldown.
DB7
25
13
I
Data port B7. Internal pulldown.
DB8
24
12
I
Data port B8. Internal pulldown.
DB9
23
11
I
Data port B9 (MSB). Internal pulldown.
DGND
15, 21
3, 9
I
Digital ground
DVDD
16, 22
4, 10
I
Digital supply voltage
EXTIO
43
31
I/O
Internal reference output (bypass with 0.1 μF to AGND) or external reference
input
GSET
42
30
I
Gain-setting mode: H – 1 resistor, L – 2 resistors. Internal pullup.
IOUTA1
46
34
O
DACA current output. Full-scale with all bits of DA high.
IOUTA2
45
33
O
DACA complementary current output. Full-scale with all bits of DA low.
IOUTB1
39
27
O
DACB current output. Full-scale with all bits of DB high.
IOUTB2
40
28
O
DACB complementary current output. Full-scale with all bits of DB low.
MODE
48
36
I
Mode Select: H – Dual Bus, L – Interleaved. Internal pullup.
NC
11-14, 33-
36
1,2, 21-24,
47, 48
Factory use only. Pins must be connected to DGND or left unconnected.
SLEEP
37
25
I
Sleep function control input: H – DAC in power-down mode, L – DAC in
operating mode. Internal pulldown.
WRTA/WRTIQ
17
5
I
Input write signal for PORT A (WRTIQ in interleaving mode)
WRTB/SELECTIQ
20
8
I
Input write signal for PORT B (SELECTIQ in interleaving mode)


Similar Part No. - DAC5652A_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5652A_1809 TI1-DAC5652A_1809 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results

Similar Description - DAC5652A_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI-DAC5652A_15 Datasheet
645Kb / 26P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A_1809 TI1-DAC5652A_1809 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652A TI1-DAC5652A Datasheet
644Kb / 25P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652 TI-DAC5652 Datasheet
323Kb / 22P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI1-DAC5662 Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662_15 Datasheet
683Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com