Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8732GX Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN8732GX
Description  Spindle motor and 5-CH actuator driver [Spindle(PWM), Sled 2-CH(PWM) 3-CH(Linear)]
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8732GX Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN8732GX Datasheet HTML 7Page - Fairchild Semiconductor FAN8732GX Datasheet HTML 8Page - Fairchild Semiconductor FAN8732GX Datasheet HTML 9Page - Fairchild Semiconductor FAN8732GX Datasheet HTML 10Page - Fairchild Semiconductor FAN8732GX Datasheet HTML 11Page - Fairchild Semiconductor FAN8732GX Datasheet HTML 12Page - Fairchild Semiconductor FAN8732GX Datasheet HTML 13Page - Fairchild Semiconductor FAN8732GX Datasheet HTML 14Page - Fairchild Semiconductor FAN8732GX Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
FAN8732G/FAN8732BG/FAN8732CG
11
Electrical Characteristics (Ta = 25
°C) (Continued)
(Ta=25
°C, SVCC=PVCC1=5V, PVCC2=PVCC3=12V unless otherwise noted)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
CH1,CH2 DRIVE PART (TYPICALLY ACTUATOR DRIVER)
Maximum Output Voltage 31
VOM31
IO=0.5A, PVCC2=12V
3.8
4.2
V
Control Voltage Input Range3
VIN3
0
5V
Closed Loop Voltage Gain
GVO3
20.2
21.6
22.8
dB
Output Offset Voltage
VOO1
VREF=IN1=IN2=1.65V
-45
45
mV
CH3 DRIVE PART (TYPICALLY LOADING DRIVER)
Maximum Output Voltage 41
VOM41
IO=0.5A, PVCC1=5V,
PVCC2=12V
3.95
4.2
V
Maximum Output Voltage 42
VOM42
IO=0.5A, PVCC1=PVCC2=12V
6.2
6.7
V
Control Voltage Input Range4
VIN4
0
5V
Closed Loop Voltage Gain
GVO4
16.7
18.1
19.3
dB
Output Offset Voltage
VOO2
VREF=IN3=1.65V
-50
50
mV


Similar Part No. - FAN8732GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8700 FAIRCHILD-FAN8700 Datasheet
155Kb / 14P
   Camera Motor Drive and Control IC
FAN8702 FAIRCHILD-FAN8702 Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702B FAIRCHILD-FAN8702B Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MP FAIRCHILD-FAN8702MP Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MPX FAIRCHILD-FAN8702MPX Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
More results

Similar Description - FAN8732GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8741 FAIRCHILD-FAN8741 Datasheet
541Kb / 23P
   Spindle Motor and 6-CH Driver
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8728 FAIRCHILD-FAN8728 Datasheet
361Kb / 26P
   Spindle 4-CH Input PWM Motor Drive IC
FAN8727 FAIRCHILD-FAN8727_04 Datasheet
567Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8727 FAIRCHILD-FAN8727 Datasheet
480Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8729 FAIRCHILD-FAN8729 Datasheet
487Kb / 24P
   Spindle4-CH Motor Drive IC
logo
Renesas Technology Corp
M63015FP RENESAS-M63015FP Datasheet
7Mb / 20P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
M63021FP RENESAS-M63021FP Datasheet
6Mb / 18P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Mitsubishi Electric Sem...
M63021FP MITSUBISHI-M63021FP Datasheet
141Kb / 17P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com